Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 6 Page - Micronas

Part # HAL855
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 6 Page - Micronas

Back Button HAL855 Datasheet HTML 2Page - Micronas HAL855 Datasheet HTML 3Page - Micronas HAL855 Datasheet HTML 4Page - Micronas HAL855 Datasheet HTML 5Page - Micronas HAL855 Datasheet HTML 6Page - Micronas HAL855 Datasheet HTML 7Page - Micronas HAL855 Datasheet HTML 8Page - Micronas HAL855 Datasheet HTML 9Page - Micronas HAL855 Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
HAL855
DATA SHEET
6
Nov. 26, 2008; DSH000149_003EN
Micronas
1.3. Marking Code
The HAL855 has a marking on the package surface
(branded side). This marking includes the name of the
sensor and the temperature range.
1.4. Operating Junction Temperature Range (TJ)
The Hall sensors from Micronas are specified to the
chip temperature (junction temperature TJ).
A: TJ = −40 °C to +170 °C
K: TJ = −40 °C to +140 °C
The relationship between ambient temperature (TA)
and junction temperature is explained in Section 4.5.
on page 29.
1.5. Hall Sensor Package Codes
Example: HAL855UT-K
→ Type: 855
→ Package: TO92UT
→ Temperature Range: T
J = −40°C to +140°C
Hall sensors are available in a wide variety of packag-
ing versions and quantities. For more detailed informa-
tion, please refer to the brochure: “Micronas Hall Sen-
sors: Ordering Codes, Packaging, Handling”.
1.6. Solderability and Welding
Soldering
During
soldering
reflow
processing
and
manual
reworking, a component body temperature of 260°C
should not be exceeded.
Welding
Device terminals should be compatible with laser and
resistance welding. Please note that the success of
the welding process is subject to different welding
parameters which will vary according to the welding
technique used. A very close control of the welding
parameters is absolutely necessary in order to reach
satisfying results. Micronas, therefore, does not give
any implied or express warranty as to the ability to
weld the component.
1.7. Pin Connections and Short Descriptions
Fig. 1–1: Pin configuration
Type
Temperature Range
A
K
HAL855
855A
855K
HALXXXPA-T
Temperature Range: A and K
Package: UT for TO92UT-1/-2
Type: 855
Pin
No.
Pin Name
Type
Short Description
1VDD
IN
Supply Voltage and
Programming Pin
2
GND
Ground
3
OUT
OUT
Open-Drain Output
and Selection Pin
1 VDD
2GND
3
OUT
HAL855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com