Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 14 Page - Micronas

Part # HAL855
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 14 Page - Micronas

Back Button HAL855 Datasheet HTML 10Page - Micronas HAL855 Datasheet HTML 11Page - Micronas HAL855 Datasheet HTML 12Page - Micronas HAL855 Datasheet HTML 13Page - Micronas HAL855 Datasheet HTML 14Page - Micronas HAL855 Datasheet HTML 15Page - Micronas HAL855 Datasheet HTML 16Page - Micronas HAL855 Datasheet HTML 17Page - Micronas HAL855 Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
HAL855
DATA SHEET
14
Nov. 26, 2008; DSH000149_003EN
Micronas
Step 4: Calculation of Shift and Slope
Set the system to calibration point 1 and read the
register DIGITAL OUTPUT. The result is the value
DOUT1.
Now, set the system to calibration point 2, read the
register DIGITAL OUTPUT, and get the value DOUT2.
With these values, the settings for Sensitivity and Shift
are calculated as:
Write the calculated values for Slope, Shift, and the
desired output characteristic into the EEPROM. The
sensor is now calibrated for the customer application.
As long as the LOCK bit is not set, the calibration pro-
cedure can be applied repeatedly.
Note: For a recalibration, the calibration procedure
has to be started at the beginning (step 1).
A new initialization is necessary, as the initial
values for SlopeINITIAL, ShiftINITIAL and output
characteristic are overwritten in step 4.
Step 5: Locking the Sensor
The last step is activating the LOCK function with the
“LOCK” command. Please note that the LOCK function
becomes effective after power-down and power-up of
the Hall IC. The sensor is now locked and does not
respond to any programming or reading commands.
Warning: This register cannot be reset!
2.3.2. Example: Calibration of an Angle Sensor
The following description explains the calibration pro-
cedure using an angle sensor with a HAL855 as an
example. The required output characteristic is shown
in Fig. 2–5.
– the angle range is from
−25° to 25°
– temperature coefficient of the magnet:
−500 ppm/K
Slope
Slope
INITIAL
DOUT2
NOM
DOUT1
NOM
–
()
DOUT2
DOUT1
–
()
---------------------------------------------------------------------------
×
=
Shift
100%
4096
--------------
DOUT2
NOM
DOUT22048
–
() Slope
×
Slope
INITIAL
----------------------------------------------------------------
–
⎝⎠
⎛⎞
×
=
%
Angle
HAL 855
-30
-20
-10
0
10
20
30 °
0
10
20
30
40
50
60
70
80
90
100
Sine
Linear
Output
Duty
Cycle
Sine
Linear
First Calibration Point
Second Calibration Point
Fig. 2–5: Example for output characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com