Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 39 Page - Micronas

Part # HAL855
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 39 Page - Micronas

Back Button HAL855 Datasheet HTML 34Page - Micronas HAL855 Datasheet HTML 35Page - Micronas HAL855 Datasheet HTML 36Page - Micronas HAL855 Datasheet HTML 37Page - Micronas HAL855 Datasheet HTML 38Page - Micronas HAL855 Datasheet HTML 39Page - Micronas HAL855 Datasheet HTML 40Page - Micronas HAL855 Datasheet HTML 41Page - Micronas HAL855 Datasheet HTML 42Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DATA SHEET
HAL855
Micronas
Nov. 26, 2008; DSH000149_003EN
39
SPECIAL CUSTOMER
– The register range is from 0 to 63 and contains the
settings for OUTPUT BITTIME and PARTNUMBER
ENABLE:
Note: When output format PWM is used the default
values for the PARTNUMBER ENABLE bit must
not be modified:
HAL855: PARTNUMBER ENABLE = 1
DEACTIVATE
This register can only be written.
– The register has to be written with 2063 decimal
(80F hexadecimal) for the deactivation.
– The sensor can be reset with an Activate pulse on
the output pin or by switching off and on the supply
voltage.
SPECIAL CUSTOMER
PARTNUMBER ENABLE
16
OUTPUT
+
×
BITTIME
=
Table 5–3: Available register addresses for HAL855
Register
Code
Data Bits
Format
Customer
Remark
Currentsource
1
10
binary
read/write/program
In case of HAL855:
used to define output slew
rate
In case of HAL856:
used to define output
current levels
(IDD_HIGH and IDD_LOW)
Partnumber
2
11
binary
read/write/program
Only with Biphase-M mode
Shift
3
11
two’s compl.
read/write/program
Slope
4
14
signed binary
read/write/program
Mode
5
14
binary
read/write/program
Range, filter, and output for-
mat settings
Lock
6
1
binary
write/program
Lock bit
Digital Readout
7
12
binary
read
Digital value after signal pro-
cessing
Offset
Correction
85
two’s compl.
(4 LSBs)
read/write/program
Compensation of system
offsets
Specialcust.
9
6
binary
read/write/program
Special customer register
To define Biphase-M bittime
and Partnumber Enable
TC
11
6
signed binary
(6 LSBs)
read/write/program
Linear temperature coeffi-
cient
TCSQ
12
5
binary
read/write/program
Quadratic temperature coef-
ficient
DEACTIVATE
15
11
binary
write
Deactivate the sensor
Curve Low
0 ... 15
9
binary
write/read/program
Setpoints 0 to 15
Curve High
0 ... 15
9
binary
write/read/program
Setpoints 16 to 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com