Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 11 Page - Micronas

Part # HAL855
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 11 Page - Micronas

Back Button HAL855 Datasheet HTML 7Page - Micronas HAL855 Datasheet HTML 8Page - Micronas HAL855 Datasheet HTML 9Page - Micronas HAL855 Datasheet HTML 10Page - Micronas HAL855 Datasheet HTML 11Page - Micronas HAL855 Datasheet HTML 12Page - Micronas HAL855 Datasheet HTML 13Page - Micronas HAL855 Datasheet HTML 14Page - Micronas HAL855 Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DATA SHEET
HAL855
Micronas
Nov. 26, 2008; DSH000149_003EN
11
Output Bittime
The OUTPUT BITTIME register defines the bit time of
the Biphase-M output signal. OUTPUT BITTIME is
“sub”-register of the SPECIAL CUSTOMER register.
Note: Setting the Biphase-M bit time to 40
μs simulta-
neously switches the programming telegram to
the same bit time. Hence after writing the
OUTPUT BITTIME register the timing of the pro-
gramming device has to be set accordingly.
TC and TCSQ
The temperature dependence of the magnetic sensitiv-
ity can be adapted to different magnetic materials in
order to compensate for the change of the magnetic
strength with temperature. The adaption is done by
programming the TC (Linear Temperature Coefficient)
and the TCSQ registers (Quadratic Temperature Coef-
ficient). Thereby, the slope and the curvature of the
temperature dependence of the magnetic sensitivity
can be matched to the magnet and the sensor assem-
bly. As a result, the output signal characteristic can be
fixed over the full temperature range. The sensor can
compensate for linear temperature coefficients ranging
from about
−2100 ppm/K up to 600 ppm/K and qua-
dratic coefficients from about
−5ppm/K2 to 5 ppm/K2.
Please refer to Section 4.4. on page 28 for the recom-
mended settings for different linear temperature coeffi-
cients.
Slope
The SLOPE register contains the parameter for the
multiplier in the DSP. The Slope is programmable
between
−4 and 4. The register can be changed in
steps of 0.00049. Slope = 1 corresponds to an
increase of the output signal by 100% if the digital
value at the A/D-converter output increases by 2048.
For all calculations, the digital value after the digital
signal processing is used. This digital information is
readable from the DIGITAL OUTPUT register.
Shift
The SHIFT register contains the parameter for the
adder in the DSP. Shift is the output signal without
external magnetic field (B = 0 mT) and programmable
from
−100% up to 100%. For calibration in the system
environment, a 2-point adjustment procedure is rec-
ommended. The suitable Slope and Shift values for
each sensor can be calculated individually by this pro-
cedure.
Part Number
In case of Biphase-M output, a part number can be
defined. This part number will be sent during power-on
of the sensor if the PARTNUMBER ENABLE bit is set.
Afterwards, the sensor will send the digital value corre-
sponding to the applied magnetic field.
– The PARTNUMBER ENABLE bit is part of the
SPECIAL CUSTOMER register.
– The OUTPUT PERIOD register defines the time
interval for which the part number is sent.
Output Characteristic
The OUTPUT CHARACTERISTIC register defines the
shape of the sensor output signal. It consists of
32 setpoints. Each setpoint can be set to values
between 0 and 511 LSB. The output characteristic has
to be monotonic increasing (Setpoint0
≤ Setpoint1
≤ SetpointN).
LOCKR
By setting this 1-bit register, all registers will be locked,
and the sensor will no longer respond to any supply
voltage modulation. This bit is active after the first
power-off and power-on sequence after setting the
LOCK bit.
Warning: This register cannot be reset!
Table 2–5: OUTPUT BITTIME register definition
Biphase-M Output Bit Time
Bit Setting
40
μs0
84 µs
1
168 µs
2
320 µs
3
700 µs
11
1.6 ms
4
3.2 ms
5
6.4 ms
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com