Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855 Datasheet(PDF) 13 Page - Micronas

Part # HAL855
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 13 Page - Micronas

Back Button HAL855 Datasheet HTML 9Page - Micronas HAL855 Datasheet HTML 10Page - Micronas HAL855 Datasheet HTML 11Page - Micronas HAL855 Datasheet HTML 12Page - Micronas HAL855 Datasheet HTML 13Page - Micronas HAL855 Datasheet HTML 14Page - Micronas HAL855 Datasheet HTML 15Page - Micronas HAL855 Datasheet HTML 16Page - Micronas HAL855 Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DATA SHEET
HAL855
Micronas
Nov. 26, 2008; DSH000149_003EN
13
2.3. Calibration Procedure
2.3.1. General Procedure
For calibration in the system environment, the applica-
tion kit from Micronas is recommended. It contains the
hardware for the generation of the serial telegram for
programming (Programmer Board Version 5.1) and the
corresponding software (PC85x) for the input of the
register values.
For the individual calibration of each sensor in the cus-
tomer application, a two-point adjustment is recom-
mended (see Fig. 2–5 on page 14 for an example).
The calibration shall be done as follows:
Step 1: Input of the registers which need not be
adjusted individually
The magnetic circuit, the magnetic material with its
temperature characteristics, the filter frequency, the
part number and the output format are given for this
application.
Therefore, the values of the following registers should
be identical for all sensors of the customer application.
–FILTER
(according to the maximum signal frequency)
–RANGE
(according to the maximum magnetic field at the
sensor position)
– TC and TCSQ
(depends on the material of the magnet and the
other temperature dependencies of the application)
– OUTPUT FORMAT
(according to the application requirements)
– OUTPUT PERIOD
(according to the application requirements)
– PARTNUMBER
(in case Biphase-M output format is used)
– OFFSET CORRECTION
–SLEW RATE
Write the appropriate settings into the HAL855 regis-
ters.
Step 2: Initialize DSP
As the DIGITAL OUTPUT register value depends on
the settings of SLOPE, SHIFT and the OUTPUT
CHARACTERISTIC, these registers have to be initial-
ized with defined values, first:
–ShiftINITIAL = 50%
– OUTPUT CHARACTERISTIC = ’Linear Standard’
(Setpoint 0 = 0, Setpoint 1 = 16, Setpoint 2 = 32, ...,
Setpoint 31 = 496).
– SlopeINITIAL depends on the setting of the digital
low-pass filter (see Table 2–8).
Step 3: Define Calibration Points
For highest accuracy of the sensor, calibration points
near the minimum and maximum input signal are rec-
ommended.
Define nominal values DOUT1NOM and DOUT2NOM of
the DIGITAL OUTPUT register at the calibration points
1 and 2, respectively.
Note: Micronas software PC85x uses default settings
DOUT1NOM = 0 and DOUT2NOM = 3968.
The output is clamped to Setpoint 0 and
Setpoint 31. In the case of “Linear Standard’”,
Setpoint 0
corresponds
to
DIGITAL
OUTPUT = 0, while Setpoint 31 corresponds to
DIGITAL OUTPUT = 3968.
Table 2–8: Initial slope values
−3 dB Frequency
SlopeINITIAL
80
0.2578
160
0.2578
500
0.1938
1000
0.1938
2000
0.3398



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com