Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMX320C6720RFP300 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMX320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6720RFP300 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMX320C6720RFP300 Datasheet HTML 29Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 30Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 31Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 32Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 33Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 34Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 35Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 36Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 118 page
background image
4
Peripheral and Electrical Specifications
4.1 Electrical Specifications
4.2 Absolute Maximum Ratings
(1) (2)
4.3 Recommended Operating Conditions
(1)
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
This section provides the absolute maximum ratings and the recommended operating conditions for the
TMS320C672x DSP.
All electrical and switching characteristics in this data manual are valid over the recommended operating
conditions unless otherwise specified.
Over Operating Case Temperature Range (Unless Otherwise Noted)
UNIT
Supply voltage range, CVDD, OSCVDD
(3)
–0.3 to 1.8
V
Supply voltage range, DVDD , PLLHV
–0.3 to 4
V
Input Voltage Range
All pins except OSCIN
–0.3 to DVDD + 0.5
V
OSCIN pin
–0.3 to CVDD + 0.5
Output Voltage Range
All pins except OSCOUT
–0.3 to DVDD + 0.5
V
OSCOUT pin
–0.3 to CVDD + 0.5
Clamp Current
±20
mA
Operating case temperature range TC
Default
0 to 90
°C
A version
–40 to 105
Storage temperature range, Tstg
–65 to 150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with referenced to VSS unless otherwise specified.
(3)
If OSCVDD and OSCVSS pins are used as filter pins for reduced oscillator jitter, they should not be connected to CVDD and VSS
externally.
MIN
NOM
MAX
UNIT
CVDD
Core Supply Voltage
Default
1.14
1.2
1.32
V
C6727B-350
1.33
1.40
1.47
DVDD
I/O Supply Voltage
3.13
3.3
3.47
V
TC
Operating Case Temperature Range
Default
0
90
°C
A version
–40
105
(1)
All voltage values are with referenced to VSS unless otherwise specified.
Submit Documentation Feedback
Peripheral and Electrical Specifications
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com