Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMX320C6720RFP300 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMX320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6720RFP300 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMX320C6720RFP300 Datasheet HTML 16Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 17Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 18Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 19Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 20Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 21Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 22Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 23Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 118 page
background image
109
72
110
71
111
70
112
69
113
68
114
67
115
66
116
65
117
64
118
63
119
62
120
61
121
60
122
59
123
58
124
57
125
56
126
55
127
54
128
53
129
52
130
51
131
50
132
49
133
48
134
47
135
46
136
45
137
44
138
43
139
42
140
41
141
40
142
39
143
38
37
144
VSS
SPI0_SIMO
SPI0_SOMI/I2C0_SDA
DVDD
AXR0[0]
VSS
AXR0[1]
AXR0[2]
AXR0[3]
VSS
AXR0[4]
AXR0[5]/SPI1_SCS
AXR0[6]/SPI1_ENA
AXR0[7]/SPI1_CLK
CVDD
VSS
DVDD
AXR0[8]/AXR1[5]/SPI1_SOMI
AXR0[9]/AXR1[4]/SPI1_SIMO
CVDD
VSS
AXR0[10]/AXR1[3]
AXR0[11]/AXR1[2]
CVDD
VSS
AXR0[12]/AXR1[1]
AXR0[13]/AXR1[0]
DVDD
AXR0[14]/AXR2[1]
AXR0[15]/AXR2[0]
ACLKR0
VSS
AFSR0
ACLKX0
AHCLKR0/AHCLKR1
AFSX0
VSS
EM_CLK
EM_CKE
VSS
DVDD
EM_WE_DQM[1]
EM_D[8]
CVDD
EM_D[9]
EM_D[10]
VSS
EM_D[11]
DVDD
EM_D[12]
EM_D[13]
CVDD
EM_D[14]
EM_D[15]
VSS
CVDD
EM_D[0]
EM_D[1]
DVDD
EM_D[2]
EM_D[3]
VSS
EM_D[4]
EM_D[5]
CVDD
EM_D[6]
DVDD
EM_D[7]
VSS
EM_WE_DQM[0]
EM_WE
EM_CAS
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
A.
Actual size of Thermal Pad is 5.4 mm
נ
5.4 mm. See Section 7.3.
Figure 2-9. 144-Pin Low-Profile Quad Flatpack (RFP Suffix)—Top View
20
Device Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com