Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMX320C6720RFP300 Datasheet(PDF) 74 Page - Texas Instruments

Part # TMX320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6720RFP300 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMX320C6720RFP300 Datasheet HTML 70Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 71Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 72Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 73Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 74Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 75Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 76Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 77Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 4-20. McASP Registers Accessed Through Peripheral Configuration Bus (continued)
McASP0
McASP1
McASP2
REGISTER
BYTE
BYTE
BYTE
DESCRIPTION
NAME
ADDRESS
ADDRESS
ADDRESS
0x4400 020C
0x4500 020C
–
XBUF3(1)
Transmit buffer register for serializer 3
0x4400 0210
0x4500 0210
–
XBUF4(1)
Transmit buffer register for serializer 4
0x4400 0214
0x4500 0214
–
XBUF5(1)
Transmit buffer register for serializer 5
0x4400 0218
–
–
XBUF6(1)
Transmit buffer register for serializer 6
0x4400 021C
–
–
XBUF7(1)
Transmit buffer register for serializer 7
0x4400 0220
–
–
XBUF8(1)
Transmit buffer register for serializer 8
0x4400 0224
–
–
XBUF9(1)
Transmit buffer register for serializer 9
0x4400 0228
–
–
XBUF10(1)
Transmit buffer register for serializer 10
0x4400 022C
–
–
XBUF11(1)
Transmit buffer register for serializer 11
0x4400 0230
–
–
XBUF12(1)
Transmit buffer register for serializer 12
0x4400 0234
–
–
XBUF13(1)
Transmit buffer register for serializer 13
0x4400 0238
–
–
XBUF14(1)
Transmit buffer register for serializer 14
0x4400 023C
–
–
XBUF15(1)
Transmit buffer register for serializer 15
0x4400 0280
0x4500 0280
0x4600 0280
RBUF0(2)
Receive buffer register for serializer 0
0x4400 0284
0x4500 0284
0x4600 0284
RBUF1(2)
Receive buffer register for serializer 1
0x4400 0288
0x4500 0288
–
RBUF2(2)
Receive buffer register for serializer 2
0x4400 028C
0x4500 028C
–
RBUF3(2)
Receive buffer register for serializer 3
0x4400 0290
0x4500 0290
–
RBUF4(2)
Receive buffer register for serializer 4
0x4400 0294
0x4500 0294
–
RBUF5(2)
Receive buffer register for serializer 5
0x4400 0298
–
–
RBUF6(2)
Receive buffer register for serializer 6
0x4400 029C
–
–
RBUF7(2)
Receive buffer register for serializer 7
0x4400 02A0
–
–
RBUF8(2)
Receive buffer register for serializer 8
0x4400 02A4
–
–
RBUF9(2)
Receive buffer register for serializer 9
0x4400 02A8
–
–
RBUF10(2)
Receive buffer register for serializer 10
0x4400 02AC
–
–
RBUF11(2)
Receive buffer register for serializer 11
0x4400 02B0
–
–
RBUF12(2)
Receive buffer register for serializer 12
0x4400 02B4
–
–
RBUF13(2)
Receive buffer register for serializer 13
0x4400 02B8
–
–
RBUF14(2)
Receive buffer register for serializer 14
0x4400 02BC
–
–
RBUF15(2)
Receive buffer register for serializer 15
(2)
Reads from XRBUF originate on peripheral configuration bus only when RBUSEL = 1 in RFMT.
Peripheral and Electrical Specifications
74
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com