Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMX320C6720RFP300 Datasheet(PDF) 85 Page - Texas Instruments

Part # TMX320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6720RFP300 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TMX320C6720RFP300 Datasheet HTML 81Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 82Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 83Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 84Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 85Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 86Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 87Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 88Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 118 page
background image
4.14.3 SPI Electrical Data/Timing
4.14.3.1 Serial Peripheral Interface (SPI) Timing
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 4-27 through Table 4-34 assume testing over recommended operating conditions (see Figure 4-33
through Figure 4-36).
Table 4-27. General Timing Requirements for SPIx Master Modes(1)
NO.
MIN
MAX UNIT
greater of 8P or
1
tc(SPC)M
Cycle Time, SPIx_CLK, All Master Modes
256P
ns
100 ns
2
tw(SPCH)M
Pulse Width High, SPIx_CLK, All Master Modes
greater of 4P or 45 ns
ns
3
tw(SPCL)M
Pulse Width Low, SPIx_CLK, All Master Modes
greater of 4P or 45 ns
ns
Polarity = 0, Phase = 0,
2P
to SPIx_CLK rising
Polarity = 0, Phase = 1,
0.5tc(SPC)M + 2P
Delay, initial data bit valid
to SPIx_CLK rising
4
td(SIMO_SPC)M
on SPIx_SIMO to initial
ns
Polarity = 1, Phase = 0,
edge on SPIx_CLK(2)
2P
to SPIx_CLK falling
Polarity = 1, Phase = 1,
0.5tc(SPC)M + 2P
to SPIx_CLK falling
Polarity = 0, Phase = 0,
15
from SPIx_CLK rising
Polarity = 0, Phase = 1,
15
Delay, subsequent bits
from SPIx_CLK falling
5
td(SPC_SIMO)M
valid on SPIx_SIMO after
ns
Polarity = 1, Phase = 0,
transmit edge of SPIx_CLK
15
from SPIx_CLK falling
Polarity = 1, Phase = 1,
15
from SPIx_CLK rising
Polarity = 0, Phase = 0,
0.5tc(SPC)M – 10
from SPIx_CLK falling
Polarity = 0, Phase = 1,
Output hold time,
0.5tc(SPC)M – 10
from SPIx_CLK rising
SPIx_SIMO valid after
6
toh(SPC_SIMO)M
ns
receive edge of SPIxCLK,
Polarity = 1, Phase = 0,
0.5tc(SPC)M – 10
except for final bit(3)
from SPIx_CLK rising
Polarity = 1, Phase = 1,
0.5tc(SPC)M – 10
from SPIx_CLK falling
Polarity = 0, Phase = 0,
0.5P + 15
to SPIx_CLK falling
Polarity = 0, Phase = 1,
0.5P + 15
Input Setup Time,
to SPIx_CLK rising
7
tsu(SOMI_SPC)M
SPIx_SOMI valid before
ns
Polarity = 1, Phase = 0,
receive edge of SPIx_CLK
0.5P + 15
to SPIx_CLK rising
Polarity = 1, Phase = 1,
0.5P + 15
to SPIx_CLK falling
Polarity = 0, Phase = 0,
0.5P + 5
from SPIx_CLK falling
Polarity = 0, Phase = 1,
0.5P + 5
Input Hold Time,
from SPIx_CLK rising
8
tih(SPC_SOMI)M
SPIx_SOMI valid after
ns
Polarity = 1, Phase = 0,
receive edge of SPIx_CLK
0.5P + 5
from SPIx_CLK rising
Polarity = 1, Phase = 1,
0.5P + 5
from SPIx_CLK falling
(1)
P = SYSCLK2 period
(2)
First bit may be MSB or LSB depending upon SPI configuration. MO(0) refers to first bit and MO(n) refers to last bit output on
SPIx_SIMO. MI(0) refers to the first bit input and MI(n) refers to the last bit input on SPIx_SOMI.
(3)
The final data bit will be held on the SPIx_SIMO pin until the SPIDAT0 or SPIDAT1 register is written with new data.
Submit Documentation Feedback
Peripheral and Electrical Specifications
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com