Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMX320C6720RFP300 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMX320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6720RFP300 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMX320C6720RFP300 Datasheet HTML 10Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 11Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 12Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 13Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 14Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 15Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 16Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 17Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Figure 2-5 shows the bit layout of the device-level bridge control register (CFGBRIDGE) and Table 2-7
contains a description of the bits.
31
16
Reserved
15
1
0
Reserved
CSPRST
R/W, 1
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 2-5. CFGBRIDGE Register Bit Layout (0x4000 0024)
Table 2-7. CFGBRIDGE Register Bit Field Description (0x4000 0024)
BIT NO.
NAME
RESET VALUE
READ WRITE
DESCRIPTION
31:1
Reserved
N/A
N/A
Reads are indeterminate. Only 0s should be written to these bits.
0
CSPRST
1
R/W
Resets the CSP Bridge (BR2 in Figure 2-4).
1 = Bridge Reset Asserted
0 = Bridge Reset Released
CAUTION
The CSPRST bit must be asserted after any change to the PLL that affects SYSCLK1
and SYSCLK2 and must be released before any accesses to the CSP bridge occur
from either the dMAX or the UHPI.
14
Device Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com