Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMX320C6720RFP300 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMX320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6720RFP300 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMX320C6720RFP300 Datasheet HTML 30Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 31Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 32Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 33Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 34Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 35Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 36Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 37Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
4.4 Electrical Characteristics
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Over Operating Case Temperature Range (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High Level Output Voltage
IO = –100 µA
DVDD – 0.2
V
VOL
Low Level Output Voltage
IO = 100 µA
0.2
V
IOH
High-Level Output Current
VO = 0.8 DVDD
–8
mA
IOL
Low-Level Output Current
VO = 0.22 DVDD
8
mA
VIH
High-Level Input Voltage
2
DVDD
V
VIL
Low-Level Input Voltage
0
0.8
V
VHYS
Input Hysterisis
0.13 DVDD
V
II, IOZ
Input Current and Off State Output
Pins without pullup or pulldown
±10
Current
Pins with internal pullup
–50
–170
µA
Pins with internal pulldown
50
170
ttr
Input Transition Time
25
ns
CI
Input Capacitance
7
pF
CO
Output Capacitance
7
pF
IDD2V
CVDD Supply
(1)
GDH/ZDH, CVDD = 1.2 V,
658
CPU clock = 300 MHz
mA
RFP, CVDD = 1.2 V,
555
CPU clock = 250 MHz
IDD3V
DVDD Supply
(1)
GDH/ZDH, DVDD = 3.3 V,
76
32-bit EMIF speed = 100 MHz
mA
RFP, DVDD = 3.3 V,
58
16-bit EMIF speed = 100 MHz
(1)
Assumes the following conditions: 25
°C case temperature; 60% CPU utilization; EMIF at 50% utilization (100 MHz), 50% writes, (32 bits
for GDH/ZDH, 16 bits for RFP), 50% bit switching; two 10-MHz SPI at 100% utilization, 50% bit switching.
The actual current draw is highly application-dependent. For more details on core and I/O activity, refer to the TMS320C672x Power
Consumption Summary Application Report (literature number SPRAAA4).
Peripheral and Electrical Specifications
34
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com