Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMX320C6720RFP300 Datasheet(PDF) 87 Page - Texas Instruments

Part # TMX320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6720RFP300 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMX320C6720RFP300 Datasheet HTML 83Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 84Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 85Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 86Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 87Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 88Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 89Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 90Page - Texas Instruments TMX320C6720RFP300 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 4-29. Additional(1) SPI Master Timings, 4-Pin Enable Option(2)(3)
NO.
MIN
MAX UNIT
Polarity = 0, Phase = 0,
3P + 15
to SPIx_CLK rising
Polarity = 0, Phase = 1,
0.5tc(SPC)M + 3P + 15
Delay from slave assertion of
to SPIx_CLK rising
17
td(ENA_SPC)M
SPIx_ENA active to first
ns
Polarity = 1, Phase = 0,
SPIx_CLK from master.(4)
3P + 15
to SPIx_CLK falling
Polarity = 1, Phase = 1,
0.5tc(SPC)M + 3P + 15
to SPIx_CLK falling
Polarity = 0, Phase = 0,
0.5tc(SPC)M
from SPIx_CLK falling
Polarity = 0, Phase = 1,
Max delay for slave to deassert
0
from SPIx_CLK falling
SPIx_ENA after final SPIx_CLK
18
td(SPC_ENA)M
ns
edge to ensure master does not
Polarity = 1, Phase = 0,
0.5tc(SPC)M
begin the next transfer.(5)
from SPIx_CLK rising
Polarity = 1, Phase = 1,
0
from SPIx_CLK rising
(1)
These parameters are in addition to the general timings for SPI master modes (Table 4-27).
(2)
P = SYSCLK2 period
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes.
(4)
In the case where the master SPI is ready with new data before SPIx_ENA assertion.
(5)
In the case where the master SPI is ready with new data before SPIx_ENA deassertion.
Table 4-30. Additional(1) SPI Master Timings, 4-Pin Chip Select Option(2)(3)
NO.
MIN
MAX UNIT
Polarity = 0, Phase = 0,
2P – 10
to SPIx_CLK rising
Polarity = 0, Phase = 1,
0.5tc(SPC)M + 2P – 10
to SPIx_CLK rising
Delay from SPIx_SCS active to
19
td(SCS_SPC)M
ns
first SPIx_CLK(4)(5)
Polarity = 1, Phase = 0,
2P – 10
to SPIx_CLK falling
Polarity = 1, Phase = 1,
0.5tc(SPC)M + 2P – 10
to SPIx_CLK falling
Polarity = 0, Phase = 0,
0.5tc(SPC)M
from SPIx_CLK falling
Polarity = 0, Phase = 1,
0
Delay from final SPIx_CLK edge
from SPIx_CLK falling
20
td(SPC_SCS)M
to master deasserting SPIx_SCS
ns
Polarity = 1, Phase = 0,
(6) (7)
0.5tc(SPC)M
from SPIx_CLK rising
Polarity = 1, Phase = 1,
0
from SPIx_CLK rising
(1)
These parameters are in addition to the general timings for SPI master modes (Table 4-27).
(2)
P = SYSCLK2 period
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four master clocking modes.
(4)
In the case where the master SPI is ready with new data before SPIx_SCS assertion.
(5)
This delay can be increased under software control by the register bit field SPIDELAY.C2TDELAY[4:0].
(6)
Except for modes when SPIDAT1.CSHOLD is enabled and there is additional data to transmit. In this case, SPIx_SCS will remain
asserted.
(7)
This delay can be increased under software control by the register bit field SPIDELAY.T2CDELAY[4:0].
Submit Documentation Feedback
Peripheral and Electrical Specifications
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com