Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 2Page - Cirrus Logic CS3511 Datasheet HTML 3Page - Cirrus Logic CS3511 Datasheet HTML 4Page - Cirrus Logic CS3511 Datasheet HTML 5Page - Cirrus Logic CS3511 Datasheet HTML 6Page - Cirrus Logic CS3511 Datasheet HTML 7Page - Cirrus Logic CS3511 Datasheet HTML 8Page - Cirrus Logic CS3511 Datasheet HTML 9Page - Cirrus Logic CS3511 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CS3511
6
DS845F1
2. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
AGND = DGND = PGND = 0 V; All voltages with respect to ground. (Note 1)
Notes:
1.
Device functionality is not guaranteed or implied outside of these limits. Operation outside of these limits
may adversely affect device reliability.
ABSOLUTE MAXIMUM RATINGS
AGND = DGND = PGND = 0 V; All voltages with respect to ground.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Notes:
2.
The outputs will stop switching at the VP Under-Voltage Error Falling Trigger Point. See “DC Electrical Char-
acteristics” on page 9.
3.
Any pin except supplies. Transient currents of up to ±100 mA on the INxx pins will not cause SCR latch-up.
4.
The maximum over/under voltage is limited by the input current.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
Supply Voltage
VP
8.5
12
13.2
V
Temperature
Ambient Temperature
TA
-10
-
+70
°C
Junction Temperature
TJ
-10
-
+150
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Outputs Switching and Under Load
(Note 2)
VP
-
13.2
V
No Output Switching
VP
-0.3
14.0
Inputs
Input Current
(Note 3)
Iin
-±10
mA
Digital Input Voltage
(Note 4)
VIND
-0.3
V5D + 0.3
V
Temperature
Ambient Operating Temperature (power applied)
TA
-20
+85
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com