Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 3Page - Cirrus Logic CS3511 Datasheet HTML 4Page - Cirrus Logic CS3511 Datasheet HTML 5Page - Cirrus Logic CS3511 Datasheet HTML 6Page - Cirrus Logic CS3511 Datasheet HTML 7Page - Cirrus Logic CS3511 Datasheet HTML 8Page - Cirrus Logic CS3511 Datasheet HTML 9Page - Cirrus Logic CS3511 Datasheet HTML 10Page - Cirrus Logic CS3511 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CS3511
DS845F1
7
AC ELECTRICAL CHARACTERISTICS
Test Conditions (unless otherwise specified): AGND = DGND = PGND = 0 V; All voltages with respect to ground;
TA = 25°C; VP = 12 V; RL =8 Ω full-bridge; GAIN1 = 0, GAIN0 = 1; 10 Hz to 20 kHz Measurement Bandwidth; Per-
formance measurements taken with a 997 Hz sine wave and AES17 measurement filter; Stereo Full-Bridge mea-
surements taken through the Full-Bridge Output Filter shown in Figure 4 on page 16.
Parameters
Symbol
Test Conditions
Min
Typ
Max
Units
Differential Input (Note 5)
Output Power (Continuous Average/Channel)
(Note 6)
PO
THD+N = 1%
RL = 8 Ω
RL = 6 Ω
-
-
7.6
9.5
-
-
W
W
THD+N = 7%
RL = 8 Ω
RL = 6 Ω
-
-
9.0
11.2
-
-
W
W
THD+N = 10%
RL = 8 Ω
RL = 6 Ω
-
-
9.5
11.8
-
-
W
W
Total Harmonic Distortion + Noise
(Note 6)
THD+N
PO = 1 W, RL = 8 Ω
PO = 5 W, RL = 8 Ω
-
-
0.019
0.025
-
-
%
%
Dynamic Range
(Note 7)
DYR
Vin = -60 dBi
A-Weighted
Unweighted
-
-
99
96
-
-
dB
dB
Signal to Noise Ratio
(Note 7)
SNR
Inputs AC coupled to AGND
A-Weighted
Unweighted
-
-
99
96
-
-
dB
dB
Channel Separation
CS
PO=1 W, f = 1 kHz
-
104
-
dB
Amplifier Gain
Gain1 = 0, Gain0 = 0
-
13.6
-
dB
Gain1 = 0, Gain0 = 1
-
19.5
-
dB
Gain1 = 1, Gain0 = 0
-
23.8
-
dB
Gain1 = 1, Gain0 = 1
-
27.3
-
dB
Single Ended Input (Note 8)
Output Power (Continuous Average/Channel)
(Note 6)
PO
THD+N = 1%
RL = 8 Ω
RL = 6 Ω
-
-
7.6
9.5
-
-
W
W
THD+N = 7%
RL = 8 Ω
RL = 6 Ω
-
-
9.0
11.1
-
-
W
W
THD+N = 10%
RL = 8 Ω
RL = 6 Ω
-
-
9.5
11.8
-
-
W
W
Total Harmonic Distortion + Noise
(Note 6)
THD+N
PO = 1 W, RL = 8 Ω
PO = 5 W, RL = 8 Ω
-
-
0.019
0.027
-
-
%
%
Dynamic Range
(Note 7)
DYR
Vin = -60 dBi
A-Weighted
Unweighted
-
-
99
96
-
-
dB
dB
Signal to Noise Ratio
(Note 7)
SNR
Inputs AC coupled to AGND
A-Weighted
Unweighted
-
-
99
96
-
-
dB
dB
Channel Separation
CS
PO=1 W, f = 1 kHz
-
102
-
dB
Amplifier Gain
Gain1 = 0, Gain0 = 0
-
13.5
-
dB
Gain1 = 0, Gain0 = 1
-
19.5
-
dB
Gain1 = 1, Gain0 = 0
-
23.8
-
dB
Gain1 = 1, Gain0 = 1
-
27.2
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com