Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 18Page - Cirrus Logic CS3511 Datasheet HTML 19Page - Cirrus Logic CS3511 Datasheet HTML 20Page - Cirrus Logic CS3511 Datasheet HTML 21Page - Cirrus Logic CS3511 Datasheet HTML 22Page - Cirrus Logic CS3511 Datasheet HTML 23Page - Cirrus Logic CS3511 Datasheet HTML 24Page - Cirrus Logic CS3511 Datasheet HTML 25Page - Cirrus Logic CS3511 Datasheet HTML 26Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
CS3511
22
DS845F1
7. PARAMETER DEFINITIONS
Signal to Noise Ratio (SNR)
The ratio of the RMS value of the output signal, where Pout is equivalent to the specified output power at
THD+N<1%, to the RMS value of the noise floor with no input signal applied and measured over the spec-
ified bandwidth, typically 20 Hz to 20 kHz. Expressed in decibels.
Dynamic Range (DYR)
The ratio of the RMS value of the output signal produced when Pout is equivalent to the specified output
power at THD+N<1% to the RMS sum of all other spectral components over the specified bandwidth, typi-
cally 20 Hz to 20 kHz. Dynamic Range is a signal-to-noise ratio measurement made with a -60 dBi input
signal where dBi is referenced to the input signal amplitude resulting in the specified output power at
THD+N<1%. This technique ensures that the distortion components are below the noise level and do not
effect the measurement. Expressed in decibels.
Total Harmonic Distortion + Noise (THD+N)
The ratio of the RMS value of the signal to the RMS sum of all other spectral components over the specified
band width (typically 10 Hz to 20 kHz), including distortion components. Expressed in decibels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com