Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 4Page - Cirrus Logic CS3511 Datasheet HTML 5Page - Cirrus Logic CS3511 Datasheet HTML 6Page - Cirrus Logic CS3511 Datasheet HTML 7Page - Cirrus Logic CS3511 Datasheet HTML 8Page - Cirrus Logic CS3511 Datasheet HTML 9Page - Cirrus Logic CS3511 Datasheet HTML 10Page - Cirrus Logic CS3511 Datasheet HTML 11Page - Cirrus Logic CS3511 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
CS3511
8
DS845F1
Notes:
5.
All audio input signals supplied differentially to the CS3511.
6.
See Figure 5 on page 18.
7.
dBi is referenced to the input signal amplitude resulting in the specified output power at THD+N<1%. See
“Parameter Definitions” on page 22 for more information.
8.
All audio input signals supplied single ended to the CS3511 with the negative input terminated to GND
through an impedance matching circuit as described in Section 4.1 on page 13.
9.
Input impedance is measured between the positive (INx+) and negative (INx-) input pins of the CS3511.
10. See Section 4.2 “Dynamic DC Offset Calibration” on page 13.
General Specifications
Efficiency
η
PO = 2 x 9.4 W, RL = 8 Ω
-86-
%
Gain Matching
Between output channels
-
0.1
-
%
Power Supply Rejection Ratio
PSRR
200 mv p-p from
20 Hz
≤ f ≤ 1 kHz, inputs AC
coupled to AGND
-55-
dB
IHF Intermodulation Distortion
IHF-IMD
19 kHz, 20 kHz, 1:1 (IHF),
PO = 1 W
-0.20-
%
Input Impedance
(Note 9)
Gain1 = 0, Gain0 = 0
36.8
46.0
55.2
k
Ω
Gain1 = 0, Gain0 = 1
18.4
23.0
27.6
k
Ω
Gain1 = 1, Gain0 = 0
11.0
13.8
16.6
k
Ω
Gain1 = 1, Gain0 = 1
7.3
9.2
11.1
k
Ω
Output Offset Voltage
(Note 10)
VOFFSET
MUTE = low
-50-
mV
PWM Output Over-Current Error Trigger Point
ICE
-2.7
-
A
Junction Thermal Error Rising Trigger Point
TTERISE
-155
-
°C
Junction Thermal Error Falling Trigger Point
TTEFALL
-135
-
°C
Turn On Time
ton
SLEEP = VIL
-155
-
ms
Turn Off Time
toff
SLEEP = VIH
-3-
ms
Parameters
Symbol
Test Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com