Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 6Page - Cirrus Logic CS3511 Datasheet HTML 7Page - Cirrus Logic CS3511 Datasheet HTML 8Page - Cirrus Logic CS3511 Datasheet HTML 9Page - Cirrus Logic CS3511 Datasheet HTML 10Page - Cirrus Logic CS3511 Datasheet HTML 11Page - Cirrus Logic CS3511 Datasheet HTML 12Page - Cirrus Logic CS3511 Datasheet HTML 13Page - Cirrus Logic CS3511 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
CS3511
10
DS845F1
DIGITAL I/O PIN CHARACTERISTICS
The logic level for each input is set by its corresponding power supply and should not exceed the maximum ratings.
Power
Supply
Pin
Number
Pin Name
I/O
Driver
Receiver
5VD
3
GAIN0
Input
-
5.0 V; Internal 50 k
Ω pull-down
22
GAIN1
Input
-
5.0 V; Internal 50 k
Ω pull-down
7
MUTE
Input
-
5.0 V
6
SLEEP
Input
-
5.0 V
8
STATUS
Output
5.0 V
-
VP
35
OUT1+
Output
8.5 V - 13.2 V Power MOSFET
-
32
OUT1-
Output
8.5 V - 13.2 V Power MOSFET
-
29
OUT2+
Output
8.5 V - 13.2 V Power MOSFET
-
26
OUT2-
Output
8.5 V - 13.2 V Power MOSFET
-
Table 1. I/O Power Rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com