Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 15Page - Cirrus Logic CS3511 Datasheet HTML 16Page - Cirrus Logic CS3511 Datasheet HTML 17Page - Cirrus Logic CS3511 Datasheet HTML 18Page - Cirrus Logic CS3511 Datasheet HTML 19Page - Cirrus Logic CS3511 Datasheet HTML 20Page - Cirrus Logic CS3511 Datasheet HTML 21Page - Cirrus Logic CS3511 Datasheet HTML 22Page - Cirrus Logic CS3511 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
CS3511
DS845F1
19
0
0.5
1
1.5
2
2.5
02468
10
12
14
16
18
20
Total Output Power (Watts)
0
0.5
1
1.5
2
2.5
02468
10
12
14
16
18
20
Total Output Power (Watts)
Figure 11. Supply Current vs. POUT (RL= 8 Ω)
Figure 12. Supply Current vs. POUT (RL= 6 Ω)
Figure 13. THD+N vs. Frequency (RL= 8 Ω)
Figure 14. THD+N vs. Frequency (RL= 6 Ω)
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.5 W
1.0 W
5.0 W
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.5 W
1.0 W
5.0 W
-5
+5
-4
-3
-2
-1
-0
+1
+2
+3
+4
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-5
+5
-4
-3
-2
-1
-0
+1
+2
+3
+4
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Figure 15. Frequency Response (POUT = 1 W, RL= 8 Ω)
Figure 16. Frequency Response (POUT = 1 W, RL= 6 Ω)
See Note below.
Note:
The full-bridge output filter found on the CRD3511 reference design board implements 22µH inductors
and is optimized for an 8
Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com