Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3511 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS3511
Description  Stereo 10 W High-efficiency Class-D Audio Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3511 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS3511 Datasheet HTML 7Page - Cirrus Logic CS3511 Datasheet HTML 8Page - Cirrus Logic CS3511 Datasheet HTML 9Page - Cirrus Logic CS3511 Datasheet HTML 10Page - Cirrus Logic CS3511 Datasheet HTML 11Page - Cirrus Logic CS3511 Datasheet HTML 12Page - Cirrus Logic CS3511 Datasheet HTML 13Page - Cirrus Logic CS3511 Datasheet HTML 14Page - Cirrus Logic CS3511 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
CS3511
DS845F1
11
3. TYPICAL CONNECTION DIAGRAMS
Figure 1. Typical Connection Diagram - Stereo Amplifier with Differential Inputs
9
OUT1+
12
OUT1-
1
IN1+
32
IN1-
1.0 µf
Differential
Analog Inputs
Note(R1=R2)
GAIN0
3
6
SLEEP
GAIN1
22
MUTE
7
8
STATUS
27
AGND
System
Control
Logic
1.0 µf
24
IN2+
25
IN2-
1.0 µf
1.0 µf
28
V5A
31
C1
26
C2
29
BIASCAP
30
AGND
18
CPUMP
19
DCAP
20
VP
21
5VGEN
23
AGND
2
V5D
5
REF
4
DGND
VP
1.0 µf
0.1 µf
0.1 µf
0.1 µf
1 µf
20 K
Ω
+
+
+
0.1 µf
10
VP
220uF
VP
+
0.1 µf
15
VP
VP
16
OUT2+
13
OUT2-
14
17
PGND
CS3511
1 µf
10 µf
10 µf
1 µf
1%
11
PGND
Full-Bridge
Output Filter
RL
Channel 1
Audio Output
Full-Bridge
Output Filter
RL
Channel 2
Audio Output
R1
R2
R3
R4
Differential
Analog Inputs
Note(R3=R4)
6
Ω to 8 Ω
6
Ω to 8 Ω
220 uF
PGND
(Note 1)
(Note 1)
1.
See Section 4.11 for typical full-bridge output filter.
2.
Incorrectly connecting the external charge pump circuitry can result in permanent damage to the device.
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com