Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2102 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL2102
Description  Mains LED driver IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2102 Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL2102 Datasheet HTML 1Page - NXP Semiconductors SSL2102 Datasheet HTML 2Page - NXP Semiconductors SSL2102 Datasheet HTML 3Page - NXP Semiconductors SSL2102 Datasheet HTML 4Page - NXP Semiconductors SSL2102 Datasheet HTML 5Page - NXP Semiconductors SSL2102 Datasheet HTML 6Page - NXP Semiconductors SSL2102 Datasheet HTML 7Page - NXP Semiconductors SSL2102 Datasheet HTML 8Page - NXP Semiconductors SSL2102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SSL2102_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2009
2 of 21
NXP Semiconductors
SSL2102
SMPS IC for dimmable LED lighting
4.
Quick reference data
5.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RDSon
drain-source on-state
resistance
power switch; ISOURCE = −0.50 A
Tj =25 °C
4.5
6.5
7.5
Ω
ISOURCE = −0.20 A
Tj = 125 °C
-
9.5
10
Ω
VCC
supply voltage
8.5
-
40
V
fosc
oscillator frequency
10
100
200
kHz
IDRAIN
current on pin DRAIN
VDRAIN >60V;
no auxiliary supply
-
-
2.2
mA
VDRAIN >60V;
with auxiliary supply
-
30
125
µA
VDRAIN
voltage on pin DRAIN
40
-
600
V
δmin
minimum duty factor
-
0
-
%
δmax
maximum duty cycle
-
75
-
%
Tamb
ambient temperature
−40 -
+100
°C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
SSL2102T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com