Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2102 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SSL2102
Description  Mains LED driver IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2102 Datasheet(HTML) 1 Page - NXP Semiconductors

  SSL2102 Datasheet HTML 1Page - NXP Semiconductors SSL2102 Datasheet HTML 2Page - NXP Semiconductors SSL2102 Datasheet HTML 3Page - NXP Semiconductors SSL2102 Datasheet HTML 4Page - NXP Semiconductors SSL2102 Datasheet HTML 5Page - NXP Semiconductors SSL2102 Datasheet HTML 6Page - NXP Semiconductors SSL2102 Datasheet HTML 7Page - NXP Semiconductors SSL2102 Datasheet HTML 8Page - NXP Semiconductors SSL2102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The SSL2102 is a Switched Mode Power Supply (SMPS) controller IC that operates in
combination with a phase cut dimmer directly from rectified mains. It is designed to drive
LED devices. The device includes a high-voltage power switch and a circuit to allow direct
start-up from the rectified mains voltage. Furthermore the device includes high-voltage
circuitry to supply the phase cut dimmer.
For dimmer applications, integrated dedicated circuitry optimizes the dimming curve.
2.
Features
I Easy migration to existing lighting control infrastructure, TRIAC and transistor dimmers
I Supports majority of available dimming solutions
I Valley switching efficiency is optimized by dedicated built-in circuitry
I Built-in demagnetization detection
I The IC has Over Temperature Protection (OTP) built-in
I Short-Winding Protection (SWP) and Over Current Protection (OCP)
I The IC has internal VCC generation that allows start-up from rectified mains voltage
I Natural dimming curve by logarithmic correction
I Limited external components required due to high integration level
I Thermal enhanced SO20 wide body package.
3.
Applications
The SSL2102 is suitable for high efficiency and high power factor SSL applications below
25 W, these include:
I SSL retro-fit lamps (e.g. GU10, E27) from 8 W to 15 W.
I LED modules, separate power supplies, e.g. LED spots, down-lights from 15 W to
25 W
I LED strings, e.g. retail display up to a maximum of 25 W
For power ratings below 15 W (for LED modules) and 8 W (for SSL retrofit) NXP offers the
SSL2101.
SSL2102
Mains LED driver IC for dimmable LED lighting
Rev. 01 — 29 June 2009
Product data sheet


Similar Part No. - SSL2102

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SSL210 YANGJIE-SSL210 Datasheet
187Kb / 2P
Schottky Rectifier
logo
DONGGUAN YOU FENG WEI E...
SSL210 YFWDIODE-SSL210 Datasheet
462Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
RFE international
SSL210 RFE-SSL210 Datasheet
3Mb / 3P
Surface Mount Schottky Rectifier
10-17-2022
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
More results

Similar Description - SSL2102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
Rohm
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
Dimmable LED driver IC for Lighting
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
Dimmable CC / CV IC for LED Lighting
logo
Cypress Semiconductor
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
Phase Dimmable PSR LED Driver IC for LED Lighting
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
Dimmable LED Driver IC for Low-voltage Lighting
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
Mains Dimmable Liner LED Driver
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
Mains Dimmable Liner LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com