Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2102 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL2102
Description  Mains LED driver IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2102 Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL2102 Datasheet HTML 1Page - NXP Semiconductors SSL2102 Datasheet HTML 2Page - NXP Semiconductors SSL2102 Datasheet HTML 3Page - NXP Semiconductors SSL2102 Datasheet HTML 4Page - NXP Semiconductors SSL2102 Datasheet HTML 5Page - NXP Semiconductors SSL2102 Datasheet HTML 6Page - NXP Semiconductors SSL2102 Datasheet HTML 7Page - NXP Semiconductors SSL2102 Datasheet HTML 8Page - NXP Semiconductors SSL2102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SSL2102_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2009
4 of 21
NXP Semiconductors
SSL2102
SMPS IC for dimmable LED lighting
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration SO20
SSL2102
SBLEED
DRAIN
GND
GND
GND
GND
WBLEED
GND
VCC
GND
GND
SOURCE
GND
GND
BRIGHTNESS
AUX
RC2
ISENSE
RC
PWMLIMIT
014aaa807
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
Table 3.
Pin description
Symbol
Pin
Description
SBLEED
1
drain of internal strong bleeder switch
GND
2
ground
GND
3
ground
WBLEED
4
drain of internal weak bleeder switch
VCC
5
supply voltage
GND
6
ground
GND
7
ground
BRIGHTNESS
8
brightness input
RC2
9
setting for frequency reduction
RC
10
frequency setting
PWMLIMIT
11
PWM limit input
ISENSE
12
current sense input for WBLEED
AUX
13
Input for voltage from auxiliary winding for timing
(demagnetization)
GND
14
ground
SOURCE
15
source of internal power switch
GND
16
ground
GND
17
ground
GND
18
ground
GND
19
ground
DRAIN
20
drain of internal power switch; input for start-up current and valley
sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com