Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2102 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SSL2102
Description  Mains LED driver IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2102 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SSL2102 Datasheet HTML 8Page - NXP Semiconductors SSL2102 Datasheet HTML 9Page - NXP Semiconductors SSL2102 Datasheet HTML 10Page - NXP Semiconductors SSL2102 Datasheet HTML 11Page - NXP Semiconductors SSL2102 Datasheet HTML 12Page - NXP Semiconductors SSL2102 Datasheet HTML 13Page - NXP Semiconductors SSL2102 Datasheet HTML 14Page - NXP Semiconductors SSL2102 Datasheet HTML 15Page - NXP Semiconductors SSL2102 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SSL2102_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2009
12 of 21
NXP Semiconductors
SSL2102
SMPS IC for dimmable LED lighting
[1]
Measured on a JEDEC test board (standard EIA/JESD 51-3) in free air with natural convection.
11. Characteristics
(1) Top Cu coverage 20 %
(2) Top Cu coverage 50 %
(3) Top Cu coverage 100 %
Fig 8.
SSL2102 core material conductivity
Table 5:
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 62
KW
(1)
(3)
(2)
PCB area (mm2)
0
10000
8000
4000
6000
2000
014aaa812
60
40
80
100
Rth(j-a)
(
°C/W)
20
Table 6.
Characteristics
Tamb =25 °C; no overtemperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC and PWMLIMIT and BRIGHTNESS pins are disconnected unless
otherwise specified. Typical frequency 100 kHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
ICC
supply current
normal operation;
VDRAIN =60V;
VCC =20V
-
1.7
2
mA
ICC(ch)
charge supply
current
VDRAIN >60V;
VCC =0V
-6
−4.5
-
mA
VCC
supply voltage
8.5
-
40
V
VCC(startup)
start-up supply
voltage
9.75
10.25
10.75
V
VCC(UVLO)
undervoltage
lockout supply
voltage
7.9
8.2
8.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com