Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2102 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL2102
Description  Mains LED driver IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2102 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL2102 Datasheet HTML 6Page - NXP Semiconductors SSL2102 Datasheet HTML 7Page - NXP Semiconductors SSL2102 Datasheet HTML 8Page - NXP Semiconductors SSL2102 Datasheet HTML 9Page - NXP Semiconductors SSL2102 Datasheet HTML 10Page - NXP Semiconductors SSL2102 Datasheet HTML 11Page - NXP Semiconductors SSL2102 Datasheet HTML 12Page - NXP Semiconductors SSL2102 Datasheet HTML 13Page - NXP Semiconductors SSL2102 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SSL2102_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2009
10 of 21
NXP Semiconductors
SSL2102
SMPS IC for dimmable LED lighting
9.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured
with respect to ground; positive currents flow into the device; pins VCC and RC cannot be current
driven. Pins ISENSE and AUX cannot be voltage driven.
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
continuous
−0.4
+40
V
VRC
voltage on pin RC
−0.4
+3
V
VRC2
voltage on pin RC2
−0.4
+3
V
VBRIGHTNESS voltage on pin BRIGHTNESS
−0.4
+5
V
VPWMLIMIT
voltage on pin PWMLIMIT
−0.4
+5
V
VSOURCE
voltage on pin SOURCE
−0.4
+5
V
VDRAIN
voltage on pin DRAIN
DMOS power
transistor;
Tamb =25 °C
−0.4
+600
V
VSBLEED
voltage on pin SBLEED
off-state;
Tj = 125 °C
−0.4
+600
V
on-state;
VVCC > 8.5 V;
Tj < 125 °C
−0.4
+16
V
VWBLEED
voltage on pin WBLEED
off-state;
Tj < 125 °C
−0.4
+600
V
on-state;
VVCC > 8.5 V;
Tj < 125 °C
−0.4
+12
V
Currents
IISENSE
current on pin ISENSE
−20
+5
mA
IAUX
current on pin AUX
−10
+5
mA
ISOURCE
current on pin SOURCE
−2+2
A
IDRAIN
current on pin DRAIN
−2+2
A
General
Ptot
total power dissipation
Tamb =70 °C
-
1.6
W
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+100
°C
Tj
junction temperature
−40
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com