Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2102 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL2102
Description  Mains LED driver IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2102 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL2102 Datasheet HTML 7Page - NXP Semiconductors SSL2102 Datasheet HTML 8Page - NXP Semiconductors SSL2102 Datasheet HTML 9Page - NXP Semiconductors SSL2102 Datasheet HTML 10Page - NXP Semiconductors SSL2102 Datasheet HTML 11Page - NXP Semiconductors SSL2102 Datasheet HTML 12Page - NXP Semiconductors SSL2102 Datasheet HTML 13Page - NXP Semiconductors SSL2102 Datasheet HTML 14Page - NXP Semiconductors SSL2102 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SSL2102_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2009
11 of 21
NXP Semiconductors
SSL2102
SMPS IC for dimmable LED lighting
[1]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
[2]
Machine model: equivalent to discharging a 200 pF capacitor through a 0.75
µH coil and a 10 Ω series
resistor.
[3]
Charged device model: equivalent to charging the IC up to 1 kV and the subsequent discharging of each
pin down to 0 V over a 1
Ω resistor.
10. Thermal characteristics
The heat sink for SSL2102 applications is provided by the Printed-Circuit Board (PCB)
copper. The SSL2102 uses thermal leads (pins 2, 3, 6, 7,16, 17, 18 and 19) for heat
transfer from the die to PCB.
Enhanced thermal lead connection may drastically reduce thermal resistance.
The following equation shows the relationship between the maximum allowable power
dissipation P and the thermal resistance from junction to ambient.
Where:
Rth(j-a) = thermal resistance from junction to ambient
Tj(max) = maximum junction temperature
Tamb = ambient temperature
P = power dissipation
The thermal resistance as a function of the PCB area (Board: 0.8 mm thickness, 2 layers,
Bottom Cu coverage 90 %, Cu thickness 70
µm
(390 W/mK), Core material conductivity: 0.5 W/mK, 10 vias dia 0.3 mm) is shown in
Figure 8
VESD
electrostatic discharge voltage
human body
model;
[1]
Pins 20, 1, 4
−1000 +1000 V
All other pins
−2000 +2000 V
machine model
[2]
−200
+200
V
charged device
model
[3]
−500
+500
V
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured
with respect to ground; positive currents flow into the device; pins VCC and RC cannot be current
driven. Pins ISENSE and AUX cannot be voltage driven.
Symbol
Parameter
Conditions
Min
Max
Unit
R
th j
a
()
T
j max
()
T
amb
() P
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com