Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL2102 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL2102
Description  Mains LED driver IC for dimmable LED lighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL2102 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL2102 Datasheet HTML 9Page - NXP Semiconductors SSL2102 Datasheet HTML 10Page - NXP Semiconductors SSL2102 Datasheet HTML 11Page - NXP Semiconductors SSL2102 Datasheet HTML 12Page - NXP Semiconductors SSL2102 Datasheet HTML 13Page - NXP Semiconductors SSL2102 Datasheet HTML 14Page - NXP Semiconductors SSL2102 Datasheet HTML 15Page - NXP Semiconductors SSL2102 Datasheet HTML 16Page - NXP Semiconductors SSL2102 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
SSL2102_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2009
13 of 21
NXP Semiconductors
SSL2102
SMPS IC for dimmable LED lighting
IDRAIN
current on pin
DRAIN
VDRAIN >60V;
no auxiliary supply
-
-
2.2
mA
VDRAIN >60V;
with auxiliary supply
-
30
125
µA
VDRAIN
voltage on pin
DRAIN
40
-
600
V
Pulse width modulator
δmin
minimum duty
factor
-0
-
%
δmax
maximum duty
cycle
f = 100 kHz
-
75
-
%
SOPS
Vdet(demag)
demagnetization
detection voltage
50
100
150
mV
tsup(xfmr_ring)
transformer
ringing
suppression time
at start of secondary
stroke
1.0
1.5
2.0
µs
RC oscillator
VRC(min)
minimum voltage
on pin RC
60
75
90
mV
VRC(max)
maximum voltage
on pin RC
2.4
2.5
2.6
V
tch(RC)
charge time on pin
RC
-1
-
µs
VBRIGHTNESS
voltage on pin
BRIGHTNESS
2.5 V RC2 trip level
-
0.5
-
V
180 mV RC2 trip level
-
1.25
-
V
75 mV RC2 trip level
-
2.3
-
V
fosc
oscillator
frequency
10
100
200
kHz
IBRIGHTNESS
current on pin
BRIGHTNESS
VBRIGHTNESS =0V
−20
−24
−28
µA
Bleeder
Vth(SBLEED)
threshold voltage
on pin SBLEED
46
52
56
V
Vth(low)ISENSE
low threshold
voltage on pin
ISENSE
-
−250
-
mV
Vth(high)ISENSE
high threshold
voltage on pin
ISENSE
-
−100
-
mV
RDSon(SBLEED)
drain-source
on-state
resistance on pin
SBLEED
ISBLEED = 25 mA
Tj =25 °C
140
170
200
Ω
Tj = 125 °C
220
270
320
Ω
Table 6.
Characteristics …continued
Tamb =25 °C; no overtemperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC and PWMLIMIT and BRIGHTNESS pins are disconnected unless
otherwise specified. Typical frequency 100 kHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com