Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S042-R0-CHT Datasheet(PDF) 45 Page - Hirose Electric

Part # 09HSI-S042-R0-CHT
Description  IT3 Mezzanine Connector (17mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S042-R0-CHT Datasheet(HTML) 45 Page - Hirose Electric

Back Button 09HSI-S042-R0-CHT Datasheet HTML 41Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 42Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 43Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 44Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 45Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 46Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 47Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 48Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 49Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
Signal Integrity Report – IT3 (17mm)
Page 45
Figure 72 Base case 1, 2 and full channel eye diagram at receiver input for 20Gbps data rate with routing on layer 16 and 6
FEXT for 50% pin density configuration
Timing Jitter (ps)
Eye Height (mV)
Data Rate
(Gbps)
IT3
Base Case 1
ΔIT3
ΔIT3 (%)
IT3
Base Case 1
ΔIT3
ΔIT3 (%)
5
14.80
11.80
3.00
1.50
1044.41
1131.88
-87.47
-7.73
6.25
15.25
11.64
3.61
2.26
922.96
1024.59
-101.63
-9.92
10
14.51
10.69
3.82
3.82
649.82
773.19
-123.37
-15.96
12.5
19.28
11.26
8.02
10.03
508.79
639.75
-130.96
-20.47
20
19.73
11.78
7.95
15.90
225.30
403.74
-178.44
-44.20
Table 18 Comparison of eye height and timing fuzz between full channel and Base Case 1 at the receiver’s input with 6 FEXT for
50% pin density configuration
Timing Jitter (ps)
Eye Height (mV)
Data Rate
(Gbps)
IT3
Base Case 2
ΔIT3
ΔIT3 (%)
IT3
Base Case 2
ΔIT3
ΔIT3 (%)
5
14.80
14.80
0.00
0.00
1044.41
1042.45
1.96
0.19
6.25
15.25
14.61
0.64
0.40
922.96
939.36
-16.40
-1.75
10
14.51
12.47
2.04
2.04
649.82
689.11
-39.29
-5.70
12.5
19.28
13.84
5.44
6.80
508.79
559.63
-50.84
-9.08
20
19.73
15.91
3.82
7.64
225.30
296.02
-70.72
-23.89
Table 19 Comparison of eye height and timing fuzz between full channel and Base Case 2 at the receiver’s input with 6 FEXT for
50% pin density configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com