Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S042-R0-CHT Datasheet(PDF) 23 Page - Hirose Electric

Part # 09HSI-S042-R0-CHT
Description  IT3 Mezzanine Connector (17mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S042-R0-CHT Datasheet(HTML) 23 Page - Hirose Electric

Back Button 09HSI-S042-R0-CHT Datasheet HTML 19Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 20Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 21Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 22Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 23Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 24Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 25Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 26Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 27Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
Signal Integrity Report – IT3 (17mm)
Page 23
Figure 35 Power Sum of FEXT for pair 4 of via+connector+via transition with routing on layer 16 for 50% pin density
configuration
Figure 36 ICR profile of FEXT for pair 4 of via+connector+via transition with routing on layer 16 for 50% pin density
configuration
3.1.4 W-element Model (PCB trace)
The signal traces in the PCB follow the cross section in Figure 37 for 100 Ohms differential
impedance. The corresponding W-element model and differential S parameters are shown in Figure
38 and Figure 39. The RL comparisons with the IEEE 802.3ap spec for the full channel model with
the connector, vias and PCB traces of 76.2mm + 76.2mm (3” + 3”) and 152.4mm + 152.4mm (6” +
6”) are shown in Figure 40 and Figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com