Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S042-R0-CHT Datasheet(PDF) 16 Page - Hirose Electric

Part # 09HSI-S042-R0-CHT
Description  IT3 Mezzanine Connector (17mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S042-R0-CHT Datasheet(HTML) 16 Page - Hirose Electric

Back Button 09HSI-S042-R0-CHT Datasheet HTML 12Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 13Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 14Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 15Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 16Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 17Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 18Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 19Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 20Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
Signal Integrity Report – IT3 (17mm)
Page 16
to a short via stub (Note that in IT3_demo_board_v2.doc, a larger routing layer corresponds to a
longer via-stub).
The via transition through the middle layer 16 of the PCB was studied in order to test a
relatively long via stub of ~60mil. Figure 25 shows the top and side views of the transition which
includes the PCB layers of the traces connected to each via. Via models through layers 3, layer 12,
layer 16, layer 19, and layer 28 have been modeled to study the effects of the insertion loss for short
and long via stubs. Only three routing layers are needed to route all differential pairs on the IT3
connector (with two pairs exiting on one side and three on the other side of the connector, as
observed in Figure 25)
The ports have been numbered such that 1 to 30 correspond to the top side of the PCB, and 31
to 60 are for the PCB trace connections. Ports 1-2 are grouped into pair 1, and ports 3-4 are grouped
into pair 2, etc.
Figure 26 shows the corresponding SDD for pair 8 (or ports 15-16) of via transition with PCB
routing on layer 16.
Layer No.
Mil
Solder mask
0.5
1
TOP
2.84
Pre-preg
4.5
2
Ground
0.7
Core
3
3
Sig 1
0.7
Pre-preg
3.5
4
Sig 2
0.7
Core
3
5
Ground
0.7
Pre-preg
3.5
6
Ground
0.7
Core
3
7
Sig 3
0.7
Pre-preg
3.5
8
Sig 4
0.7
Core
3
9
Ground
0.7
Pre-preg
3.5
10
Ground
0.7
Core
3
11
Sig 5
0.7
Pre-preg
3.5
12
Sig 6
0.7
Core
3
13
Ground
0.7
Pre-preg
3.5
14
Ground
0.7
Core
3
15
Sig 7
0.7
Pre-preg
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com