Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S042-R0-CHT Datasheet(PDF) 33 Page - Hirose Electric

Part # 09HSI-S042-R0-CHT
Description  IT3 Mezzanine Connector (17mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S042-R0-CHT Datasheet(HTML) 33 Page - Hirose Electric

Back Button 09HSI-S042-R0-CHT Datasheet HTML 29Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 30Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 31Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 32Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 33Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 34Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 35Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 36Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 37Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
Signal Integrity Report – IT3 (17mm)
Page 33
Figure 56 TDR and TDT waveforms @120ps rise time (20% to 80%) and 2.625GHz for pair 4 of IT3-17mm for 60% pin
density configuration
20% TO 80% RISE TIME
(PS)
WORST PAIR-TO-PAIR NEXT
(%)
WORST PAIR-TO-PAIR FEXT
(%)
30
0.191
0.298
60
0.106
0.167
120
0.050
0.074
Table 8 Summary of Time-domain SDD for pair 4 of IT3-17mm for 60% pin density configuration
3.2.3.3 50% density pin assignment
Figure 57 - Figure 59 show the TDR and TDT waveforms at 30ps, 60ps and 120ps rise times
(20% to 80%) for pair 4 of IT3-17mm for 50% pin density configuration. The worst cross-talk
values to the center pair are summarized in Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com