Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S042-R0-CHT Datasheet(PDF) 9 Page - Hirose Electric

Part # 09HSI-S042-R0-CHT
Description  IT3 Mezzanine Connector (17mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S042-R0-CHT Datasheet(HTML) 9 Page - Hirose Electric

Back Button 09HSI-S042-R0-CHT Datasheet HTML 5Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 6Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 7Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 8Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 9Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 10Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 11Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 12Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
Signal Integrity Report – IT3 (17mm)
Page 9
Figure 10 Power Sum of FEXT for pair 8 of connector only
Figure 11 ICR profile of FEXT for pair 8 of connector only
The ICR profile for NEXT is not as critical since the TX and RX wafers can be grouped
separately. The ICR profile for FEXT satisfies the IEEE 802.3ap spec up to 20GHz. For further ICR
improvement, some pins can be “skipped”. In this document, we will analyze the IT3 with 60% and
50% pin density assignment. For non-fully-populated pin assignments, the skipped pins are
terminated each to 50Ω to avoid resonance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com