Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S042-R0-CHT Datasheet(PDF) 7 Page - Hirose Electric

Part # 09HSI-S042-R0-CHT
Description  IT3 Mezzanine Connector (17mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S042-R0-CHT Datasheet(HTML) 7 Page - Hirose Electric

Back Button 09HSI-S042-R0-CHT Datasheet HTML 3Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 4Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 5Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 6Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 7Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 8Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 9Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 10Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
Signal Integrity Report – IT3 (17mm)
Page 7
FREQUENCY
(GHZ)
INSERTION LOSS
(DB)
RETURN LOSS
(DB)
WORST PAIR-TO-PAIR
NEXT (DB)
WORST PAIR-TO-PAIR
FEXT (DB)
1.25
-0.087
-38.61
-38.01
-48.05
1.5625
-0.101
-39.79
-36.87
-46.20
2.5
-0.138
-41.52
-36.84
-42.04
3.125
-0.165
-30.17
-40.23
-39.75
5
-0.326
-17.90
-33.96
-34.82
6.25
-0.455
-15.54
-28.28
-33.78
10
-0.568
-16.25
-39.42
-28.36
Table 1 Summary of SDD for pair 8 (ports 15-16) of connector only
Table 2 Summary of connector’s differential impedance and delay at 1.0 GHz
Figure 7 RL profile for pair 8 of connector only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com