Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S042-R0-CHT Datasheet(PDF) 42 Page - Hirose Electric

Part # 09HSI-S042-R0-CHT
Description  IT3 Mezzanine Connector (17mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S042-R0-CHT Datasheet(HTML) 42 Page - Hirose Electric

Back Button 09HSI-S042-R0-CHT Datasheet HTML 38Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 39Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 40Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 41Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 42Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 43Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 44Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 45Page - Hirose Electric 09HSI-S042-R0-CHT Datasheet HTML 46Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
Signal Integrity Report – IT3 (17mm)
Page 42
Data Rate
(Gbps)
PRE-
CURSOR[3]
PRE-
CURSOR[2]
PRE-
CURSOR[1]
MAIN
CURSOR
POST-
CURSOR[1]
POST-
CURSOR[2]
POST-
CURSOR[3]
5
-----
-----
-----
0.8629
-0.1371
-----
-----
6.25
-----
-----
-0.0468
0.8047
-0.1484
-----
-----
10
-----
-----
-0.0929
0.7311
-0.1760
-----
-----
12.5
-----
-----
-0.1267
0.6753
-0.1980
-----
-----
20
-----
0.0483
-0.1854
0.5454
-0.2208
-----
-----
Table 17 Full channel: optimum tap setting coefficients for center pair 4 of IT3-17mm connector for 50% pin density configuration
Figure 68 Base case 1, 2 and full channel eye diagram at receiver input for 5Gbps data rate with routing on layer 16 and 6 FEXT
for 50% pin density configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com