Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F222 Datasheet(PDF) 21 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 21 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 17Page - Microchip Technology 10F222 Datasheet HTML 18Page - Microchip Technology 10F222 Datasheet HTML 19Page - Microchip Technology 10F222 Datasheet HTML 20Page - Microchip Technology 10F222 Datasheet HTML 21Page - Microchip Technology 10F222 Datasheet HTML 22Page - Microchip Technology 10F222 Datasheet HTML 23Page - Microchip Technology 10F222 Datasheet HTML 24Page - Microchip Technology 10F222 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 19
PIC10F220/222
4.7
Program Counter
As a program instruction is executed, the Program
Counter (PC) will contain the address of the next
program instruction to be executed. The PC value is
increased by one every instruction cycle, unless an
instruction changes the PC.
For a GOTO instruction, bits 8:0 of the PC are provided
by the GOTO instruction word. The PC Latch (PCL) is
mapped to PC<7:0>.
For a CALL instruction or any instruction where the PCL
is the destination, bits 7:0 of the PC again are provided
by the instruction word. However, PC<8> does not
come from the instruction word, but is always cleared
(Figure 4-5).
Instructions where the PCL is the destination or Modify
PCL instructions, include MOVWF PC, ADDWF PC and
BSF PC
, 5.
FIGURE 4-5:
LOADING OF PC
BRANCH INSTRUCTIONS
4.7.1
EFFECTS OF RESET
The PC is set upon a Reset, which means that the PC
addresses the last location in program memory (i.e.,
the oscillator calibration instruction). After executing
MOVLW XX
, the PC will roll over to location 0000h and
begin executing user code.
4.8
Stack
The PIC10F220 device has a 2-deep, 8-bit wide
hardware PUSH/POP stack.
The PIC10F222 device has a 2-deep, 9-bit wide
hardware PUSH/POP stack.
A CALL instruction will PUSH the current value of stack
1 into stack 2 and then PUSH the current PC value,
incremented by one, into stack level 1. If more than two
sequential CALL’s are executed, only the most recent
two return addresses are stored.
A RETLW instruction will POP the contents of stack level
1 into the PC and then copy stack level 2 contents into
level 1. If more than two sequential RETLW’s are exe-
cuted, the stack will be filled with the address
previously stored in level 2.
Note:
Because PC<8> is cleared in the CALL
instruction or any Modify PCL instruction,
all subroutine calls or computed jumps are
limited to the first 256 locations of any
program memory page (512 words long).
PC
87
0
PCL
Instruction Word
GOTO
Instruction
CALL
or Modify PCL Instruction
PC
87
0
PCL
Instruction Word
Reset to ‘0’
Note 1: The W register will be loaded with the lit-
eral value specified in the instruction. This
is particularly useful for the implementa-
tion of data look-up tables within the
program memory.
2: There are no Status bits to indicate stack
overflows or stack underflow conditions.
3: There are no instructions mnemonics
called PUSH or POP. These are actions
that occur from the execution of the CALL
and RETLW instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com