Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F222 Datasheet(PDF) 12 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 8Page - Microchip Technology 10F222 Datasheet HTML 9Page - Microchip Technology 10F222 Datasheet HTML 10Page - Microchip Technology 10F222 Datasheet HTML 11Page - Microchip Technology 10F222 Datasheet HTML 12Page - Microchip Technology 10F222 Datasheet HTML 13Page - Microchip Technology 10F222 Datasheet HTML 14Page - Microchip Technology 10F222 Datasheet HTML 15Page - Microchip Technology 10F222 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
PIC10F220/222
DS41270E-page 10
© 2007 Microchip Technology Inc.
FIGURE 3-1:
BLOCK DIAGRAM
TABLE 3-1:
PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
GP0/AN0/ICSPDAT
GP0
TTL
CMOS
Bidirectional I/O pin. Can be software programmed for internal weak
pull-up and wake-up from Sleep on pin change.
AN0
AN
—
Analog Input
ICSPDAT
ST
CMOS
In-Circuit programming data
GP1/AN1/ICSPCLK
GP1
TTL
CMOS
Bidirectional I/O pin. Can be software programmed for internal weak
pull-up and wake-up from Sleep on pin change.
AN1
AN
—
Analog Input
ICSPCLK
ST
—
In-Circuit programming clock
GP2/T0CKI/FOSC4
GP2
TTL
CMOS
Bidirectional I/O pin
T0CKI
ST
—
Clock input to TMR0
FOSC4
—
CMOS
Oscillator/4 output
GP3/MCLR/VPP
GP3
TTL
—
Input pin. Can be software programmed for internal weak pull-up and
wake-up from Sleep on pin change.
MCLR
ST
—
Master Clear (Reset). When configured as MCLR, this pin is an
active-low Reset to the device. Voltage on MCLR/VPP must not
exceed VDD during normal device operation or the device will enter
Programming mode.
VPP
HV
—
Programming voltage input
VDD
VDD
P
—
Positive supply for logic and I/O pins
VSS
VSS
P
—
Ground reference for logic and I/O pins
Legend:
I = Input, O = Output, I/O = Input/Output, P = Power, — = Not used, TTL = TTL input,
ST = Schmitt Trigger input, AN = Analog Input
Flash
Program
Memory
9-10
Data Bus
8
12
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
5
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Device Reset
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
MCLR
VDD, VSS
Timer0
GPIO
8
8
GP3/MCLR/VPP
GP2/T0CKI/FOSC4
GP1/AN1/ICSPCLK
GP0/AN0/ICSPDAT
5-7
3
STACK1
STACK2
23 or 16
Internal RC
Clock
512 x 12 or
bytes
Timer
256 x 12
ADC
AN1
AN0
Absolute
Voltage
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com