Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F222 Datasheet(PDF) 47 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 47 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 43Page - Microchip Technology 10F222 Datasheet HTML 44Page - Microchip Technology 10F222 Datasheet HTML 45Page - Microchip Technology 10F222 Datasheet HTML 46Page - Microchip Technology 10F222 Datasheet HTML 47Page - Microchip Technology 10F222 Datasheet HTML 48Page - Microchip Technology 10F222 Datasheet HTML 49Page - Microchip Technology 10F222 Datasheet HTML 50Page - Microchip Technology 10F222 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 45
PIC10F220/222
9.1
Instruction Description
ADDWF
Add W and f
Syntax:
[ label ] ADDWF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W) + (f)
→ (destination)
Status Affected: C, DC, Z
Description:
Add the contents of the W register
and register ‘f’. If ‘d’ is ‘0’, the result
is stored in the W register. If ‘d’ is
‘1’, the result is stored back in
register ‘f’.
ANDLW
AND literal with W
Syntax:
[ label ] ANDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(W).AND. (k)
→ (W)
Status Affected: Z
Description:
The contents of the W register are
AND’ed with the eight-bit literal ‘k’.
The result is placed in the W
register.
ANDWF
AND W with f
Syntax:
[ label ] ANDWF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W) AND (f)
→ (destination)
Status Affected: Z
Description:
The contents of the W register are
AND’ed with register ‘f’. If ‘d’ is ‘0’,
the result is stored in the W register.
If ‘d’ is ‘1’, the result is stored back
in register ‘f’.
BCF
Bit Clear f
Syntax:
[ label ] BCF
f,b
Operands:
0
≤ f ≤ 31
0
≤ b ≤ 7
Operation:
0
→ (f<b>)
Status Affected:
None
Description:
Bit ‘b’ in register ‘f’ is cleared.
BSF
Bit Set f
Syntax:
[ label ] BSF
f,b
Operands:
0
≤ f ≤ 31
0
≤ b ≤ 7
Operation:
1
→ (f<b>)
Status Affected:
None
Description: Bit ‘b’ in register ‘f’ is set.
BTFSC
Bit Test f, Skip if Clear
Syntax:
[ label ] BTFSC f,b
Operands:
0
≤ f ≤ 31
0
≤ b ≤ 7
Operation:
skip if (f<b>) = 0
Status Affected:
None
Description:
If bit ‘b’ in register ‘f’ is ‘0’, then the
next instruction is skipped.
If bit ‘b’ is ‘0’, then the next instruc-
tion fetched during the current
instruction execution is discarded,
and a NOP is executed instead,
making this a two-cycle instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com