Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F222 Datasheet(PDF) 40 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 40 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 36Page - Microchip Technology 10F222 Datasheet HTML 37Page - Microchip Technology 10F222 Datasheet HTML 38Page - Microchip Technology 10F222 Datasheet HTML 39Page - Microchip Technology 10F222 Datasheet HTML 40Page - Microchip Technology 10F222 Datasheet HTML 41Page - Microchip Technology 10F222 Datasheet HTML 42Page - Microchip Technology 10F222 Datasheet HTML 43Page - Microchip Technology 10F222 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
PIC10F220/222
DS41270E-page 38
© 2007 Microchip Technology Inc.
8.5
Device Reset Timer (DRT)
On the PIC10F220/222 devices, the DRT runs any time
the device is powered up.
The DRT operates on an internal oscillator. The pro-
cessor is kept in Reset as long as the DRT is active.
The DRT delay allows VDD to rise above VDD min. and
for the oscillator to stabilize.
The on-chip DRT keeps the devices in a Reset condi-
tion for approximately 1.125 ms after MCLR has
reached a logic high (VIH MCLR) level. Programming
GP3/MCLR/VPP as MCLR and using an external RC
network connected to the MCLR input is not required in
most cases. This allows savings in cost-sensitive and/
or space restricted applications, as well as allowing the
use of the GP3/MCLR/VPP pin as a general purpose
input.
The Device Reset Time delays will vary from chip-to-
chip due to VDD, temperature and process variation.
See AC parameters for details.
Reset sources are POR, MCLR, WDT time-out and
wake-up on pin change. See Section 8.9.2 “Wake-up
from Sleep”, Notes 1, 2 and 3.
TABLE 8-3:
DRT (DEVICE RESET TIMER
PERIOD)
8.6
Watchdog Timer (WDT)
The Watchdog Timer (WDT) is a free running on-chip
RC oscillator, which does not require any external
components. This RC oscillator is separate from the
internal 4/8 MHz oscillator. This means that the WDT
will run even if the main processor clock has been
stopped, for example, by execution of a SLEEP instruc-
tion. During normal operation or Sleep, a WDT Reset or
wake-up Reset, generates a device Reset.
The TO bit (STATUS<4>) will be cleared upon a
Watchdog Timer Reset.
The WDT can be permanently disabled by program-
ming the configuration WDTE as a ‘0’ (see Section 8.1
“Configuration Bits”). Refer to the PIC10F220/222
Programming Specification to determine how to access
the Configuration Word.
8.6.1
WDT PERIOD
The WDT has a nominal time-out period of 18 ms, (with
no prescaler). If a longer time-out period is desired, a
prescaler with a division ratio of up to 1:128 can be
assigned to the WDT (under software control) by writ-
ing to the OPTION register. Thus, a time-out period of
a nominal 2.3 seconds can be realized. These periods
vary with temperature, VDD and part-to-part process
variations (see DC specs).
Under worst-case conditions (VDD = Min., Temperature
= Max., max. WDT prescaler), it may take several
seconds before a WDT time-out occurs.
8.6.2
WDT PROGRAMMING
CONSIDERATIONS
The CLRWDT instruction clears the WDT and the
postscaler, if assigned to the WDT, and prevents it from
timing out and generating a device Reset.
The SLEEP instruction resets the WDT and the
postscaler, if assigned to the WDT. This gives the
maximum Sleep time before a WDT wake-up Reset.
POR Reset
Subsequent Resets
1.125 ms (typical)
10
μs (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com