Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F222 Datasheet(PDF) 56 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 56 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 52Page - Microchip Technology 10F222 Datasheet HTML 53Page - Microchip Technology 10F222 Datasheet HTML 54Page - Microchip Technology 10F222 Datasheet HTML 55Page - Microchip Technology 10F222 Datasheet HTML 56Page - Microchip Technology 10F222 Datasheet HTML 57Page - Microchip Technology 10F222 Datasheet HTML 58Page - Microchip Technology 10F222 Datasheet HTML 59Page - Microchip Technology 10F222 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
PIC10F220/222
DS41270E-page 54
© 2007 Microchip Technology Inc.
10.2
DC Characteristics: PIC10F220/222 (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40×C £ TA £ +125×C (extended)
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
D001
VDD
Supply Voltage
2.0
5.5
V
See Figure 10-1
D002
VDR
RAM Data Retention Voltage(2)
1.5*
—
V
Device in Sleep mode
D003
VPOR
VDD Start Voltage
to ensure Power-on Reset
—Vss
—
V
IDD
Supply Current(3)
D010
—
—
—
—
175
0.625
250
0.800
275
1.1
400
1.5
μA
mA
μA
mA
VDD = 2.0V, Fosc = 4 MHz
VDD = 5.0V, Fosc = 4 MHz
VDD = 2.0V, Fosc = 8 MHz
VDD = 5.0V, Fosc = 8 MHz
IPD
Power-down Current(4)
D020
—
—
0.1
1
9
15
μA
μA
VDD = 2.0V
VDD = 5.0V
IWDT
WDT Current(4)
D022
—
—
1.0
7
18
22
μA
μA
VDD = 2.0V
VDD = 5.0V
*
These parameters are characterized but not tested.
Note
1:
Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design guidance only
and is not tested.
2:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
3:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus loading, bus
rate, internal code execution pattern and temperature also have an impact on the current consumption.
a) The test conditions for all IDD measurements in active operation mode are:
All I/O pins tri-stated, pulled to VSS, T0CKI = VDD, MCLR = VDD; WDT enabled/disabled as specified.
b) For standby current measurements, the conditions are the same, except that the device is in Sleep mode.
4:
Power-down current is measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD
or VSS. The peripheral current is the sum of the base IPD and the additional current consumed when the peripheral is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com