Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F222 Datasheet(PDF) 45 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 45 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 41Page - Microchip Technology 10F222 Datasheet HTML 42Page - Microchip Technology 10F222 Datasheet HTML 43Page - Microchip Technology 10F222 Datasheet HTML 44Page - Microchip Technology 10F222 Datasheet HTML 45Page - Microchip Technology 10F222 Datasheet HTML 46Page - Microchip Technology 10F222 Datasheet HTML 47Page - Microchip Technology 10F222 Datasheet HTML 48Page - Microchip Technology 10F222 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 43
PIC10F220/222
9.0
INSTRUCTION SET SUMMARY
The PIC16 instruction set is highly orthogonal and is
comprised of three basic categories.
• Byte-oriented operations
• Bit-oriented operations
• Literal and control operations
Each PIC16 instruction is a 12-bit word divided into an
opcode, which specifies the instruction type, and one
or more operands which further specify the operation
of the instruction. The formats for each of the catego-
ries is presented in Figure 9-1, while the various
opcode fields are summarized in Table 9-1.
For byte-oriented instructions, ‘f’ represents a file reg-
ister designator and ‘d’ represents a destination desig-
nator. The file register designator specifies which file
register is to be used by the instruction.
The destination designator specifies where the result of
the operation is to be placed. If ‘d’ is ‘0’, the result is
placed in the W register. If ‘d’ is ‘1’, the result is placed
in the file register specified in the instruction.
For bit-oriented instructions, ‘b’ represents a bit field
designator which selects the number of the bit affected
by the operation, while ‘f’ represents the number of the
file in which the bit is located.
For literal and control operations, ‘k’ represents an
8 or 9-bit constant or literal value.
TABLE 9-1:
OPCODE FIELD
DESCRIPTIONS
All instructions are executed within a single instruction
cycle, unless a conditional test is true or the program
counter is changed as a result of an instruction. In this
case, the execution takes two instruction cycles. One
instruction cycle consists of four oscillator periods.
Thus, for an oscillator frequency of 4 MHz, the normal
instruction execution time is 1
μs. If a conditional test is
true or the program counter is changed as a result of an
instruction, the instruction execution time is 2
μs.
Figure 9-1 shows the three general formats that the
instructions can have. All examples in the figure use
the following format to represent a hexadecimal
number:
‘0xhhh’
where ‘h’ signifies a hexadecimal digit.
FIGURE 9-1:
GENERAL FORMAT FOR
INSTRUCTIONS
Field
Description
f
Register file address (0x00 to 0x7F)
W
Working register (accumulator)
b
Bit address within an 8-bit file register
k
Literal field, constant data or label
x
Don’t care location (= 0 or 1)
The assembler will generate code with x = 0. It is the
recommended form of use for compatibility with all
Microchip software tools.
d
Destination select;
d
= 0 (store result in W)
d
= 1 (store result in file register ‘f’)
Default is d = 1
label
Label name
TOS
Top-of-Stack
PC
Program Counter
WDT
Watchdog Timer counter
TO
Time-out bit
PD
Power-down bit
dest
Destination, either the W register or the specified
register file location
[
]
Options
(
)
Contents
→
Assigned to
< >
Register bit field
∈
In the set of
italics
User defined term (font is courier)
Byte-oriented file register operations
11
6
5
4
0
d = 0 for destination W
OPCODE
d
f (FILE #)
d = 1 for destination f
f = 5-bit file register address
Bit-oriented file register operations
11
8 7
5 4
0
OPCODE
b (BIT #)
f (FILE #)
b = 3-bit address
f = 5-bit file register address
Literal and control operations (except GOTO)
11
8
7
0
OPCODE
k (literal)
k = 8-bit immediate value
Literal and control operations – GOTO instruction
11
9
8
0
OPCODE
k (literal)
k = 9-bit immediate value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com