Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10F222 Datasheet(PDF) 51 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 51 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 47Page - Microchip Technology 10F222 Datasheet HTML 48Page - Microchip Technology 10F222 Datasheet HTML 49Page - Microchip Technology 10F222 Datasheet HTML 50Page - Microchip Technology 10F222 Datasheet HTML 51Page - Microchip Technology 10F222 Datasheet HTML 52Page - Microchip Technology 10F222 Datasheet HTML 53Page - Microchip Technology 10F222 Datasheet HTML 54Page - Microchip Technology 10F222 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 49
PIC10F220/222
RETLW
Return with Literal in W
Syntax:
[ label ]
RETLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W);
TOS
→ PC
Status Affected:
None
Description:
The W register is loaded with the
eight-bit literal ‘k’. The program
counter is loaded from the top of
the stack (the return address). This
is a two-cycle instruction.
RLF
Rotate Left f through Carry
Syntax:
[ label ]
RLF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Description:
The contents of register ‘f’ are
rotated one bit to the left through
the Carry Flag. If ‘d’ is ‘0’, the
result is placed in the W register. If
‘d’ is ‘1’, the result is stored back in
register ‘f’.
RRF
Rotate Right f through Carry
Syntax:
[ label ]
RRF f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
See description below
Status Affected:
C
Description:
The contents of register ‘f’ are
rotated one bit to the right through
the Carry Flag. If ‘d’ is ‘0’, the
result is placed in the W register. If
‘d’ is ‘1’, the result is placed back
in register ‘f’.
C
register ‘f’
C
register ‘f’
SLEEP
Enter SLEEP Mode
Syntax:
[label]
SLEEP
Operands:
None
Operation:
00h
→ WDT;
0
→ WDT prescaler;
1
→ TO;
0
→ PD
Status Affected:
TO, PD, RBWUF
Description:
Time-out Status bit (TO) is set. The
Power-down Status bit (PD) is
cleared.
RBWUF is unaffected.
The WDT and its prescaler are
cleared.
The processor is put into Sleep
mode with the oscillator stopped.
See section on Sleep for more
details.
SUBWF
Subtract W from f
Syntax:
[label]
SUBWF f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f) – (W)
→ (dest)
Status Affected:
C, DC, Z
Description:
Subtract (2’s complement method)
the W register from register ‘f’. If ‘d’
is ‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
SWAPF
Swap Nibbles in f
Syntax:
[label]
SWAPF f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f<3:0>)
→ (dest<7:4>);
(f<7:4>)
→ (dest<3:0>)
Status Affected:
None
Description:
The upper and lower nibbles of
register ‘f’ are exchanged. If ‘d’ is
‘0’, the result is placed in W
register. If ‘d’ is ‘1’, the result is
placed in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com