Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4778CZ38/V Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IP4778CZ38/V
Description  HDMI ESD protection, DDC buffering and hot plug control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4778CZ38/V Datasheet(HTML) 2 Page - NXP Semiconductors

  IP4778CZ38/V Datasheet HTML 1Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 2Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 3Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 4Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 5Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 6Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 7Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 8Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
IP4778CZ38_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
2 of 26
NXP Semiconductors
IP4778CZ38
HDMI ESD protection, DDC buffering and hot plug control
I Component count reduction of HDMI receiver application
I Highest integration in a small footprint, PCB-level, optimized RF routing, 38-pin
TSSOP lead-free package
I Choice of system compatible or RF routing optimized pinning variants
3.
Applications
I The IP4778CZ38 can be used for a wide range of HDMI sink devices e.g.:
N TV
N Projectors
N PC monitors
N HDMI buffer modules (extensions of HDMI cable length)
N HDMI picture performance quality enhancer modules
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
IP4778CZ38
TSSOP38
plastic thin shrink small outline package; 38 leads;
body width 4.4 mm; lead pitch 0.5 mm
SOT510-1
IP4778CZ38/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com