Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4778CZ38/V Datasheet(PDF) 8 Page - NXP Semiconductors

Part # IP4778CZ38/V
Description  HDMI ESD protection, DDC buffering and hot plug control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4778CZ38/V Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button IP4778CZ38/V Datasheet HTML 4Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 5Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 6Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 7Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 8Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 9Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 10Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 11Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
IP4778CZ38_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
8 of 26
NXP Semiconductors
IP4778CZ38
HDMI ESD protection, DDC buffering and hot plug control
Board side: pins DDC_CLK_OUT and DDC_DAT_OUT
Used as input
VIH
HIGH-level input voltage
0.7
× V
CC(3V3)
-
5.5
V
VIL
LOW-level input voltage
−0.5
-
0.3
× V
CC(3V3)
V
IIL
LOW-level input current
VI = 0.2 V
-
-
1
µA
VIK
input clamping voltage
Ii = −18 mA
-
-
−1.2
V
ILI
input leakage current
VI = 3.6 V
-
-
±1
µA
Ci
input capacitance
VI = 3 V or 0 V
VCC(3V3) = 3.3 V
-
8
10
pF
VCC(3V3) = 3.0 V
-
8
10
pF
Used as output
VOL
LOW-level output voltage
IOL = 100 µA or 6 mA
-
200 -
mV
IOH
HIGH-level output current
VO = 3.6 V
-
-
1
µA
Co
output capacitance
VI = 3 V or 0 V
VCC(3V3) = 3.3 V
-
8
10
pF
VCC(3V3) = 3.0 V
-
8
10
pF
Connector side: pins DDC_CLK_IN and DDC_DAT_IN
Used as input
VIH
HIGH-level input voltage
-
410 -
mV
VIL
LOW-level input voltage
-
400 -
mV
IIL
LOW-level input current
DDC_DAT_OUT,
DDC_CLK_OUT, VI = 0.2 V
--
10
µA
VIK
input clamping voltage
II = −18 mA
-
-
−1.2
V
ILI
input leakage current
VI = 3.6 V
-
-
±1
µA
Ci
input capacitance
VI = 3 V or 0 V
VCC(3V3) = 3.3 V
-
7
9
pF
VCC(3V3) = 3.0 V
-
7
9
pF
Used as output
VOL
LOW-level output voltage
IOL = 100 µA or 3 mA
-
700 -
mV
IOH
HIGH-level output current
VO = 3.6 V
-
-
1
µA
Co
output capacitance
VI = 3 V or 0 V
VCC(3V3) = 3.3 V
-
8
10
pF
VCC(3V3) = 3.0 V
-
8
10
pF
Table 5.
DDC circuit …continued
VCC(3V3) = 2.7 V to 5.5 V; VCC(5V0) = 4.5 V to 5.5 V; GND = 0 V; Tamb =25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com