Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4778CZ38/V Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IP4778CZ38/V
Description  HDMI ESD protection, DDC buffering and hot plug control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4778CZ38/V Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IP4778CZ38/V Datasheet HTML 5Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 6Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 7Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 8Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 9Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 10Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 11Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 12Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
IP4778CZ38_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
9 of 26
NXP Semiconductors
IP4778CZ38
HDMI ESD protection, DDC buffering and hot plug control
[1]
This parameter is guaranteed by design.
[2]
For level shifting N-FET.
[3]
This measurement is performed with a 0.1
µF external capacitor on pin TMDS_BIAS.
[1]
The ENABLE pin has to be connected permanently to VCC(3V3) if no enable control is needed.
Table 6.
CEC circuit
VCC(3V3) = 2.7 V o 5.5 V; GND = 0 V; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Board side: input pin CEC_IN
CI(ch-GND)(levsh)
level shifting input capacitance
from channel to ground
VCC(3V3) = 0 V; f = 1 MHz;
Vbias = 2.5 V
[1] -
1216pF
SRr
rising slew rate
VI > 1.8 V
-
10
-
mV/
µs
N-FET
∆Von
on-state voltage drop
N-FET state = on;
VCC(3V3) = 2.5 V; VS = GND;
IDS =3mA
[2] -
125
140
mV
Connector side: output pin CEC_OUT
ILI
input leakage current
−1
+0.1
+1
µA
Rdyn
dynamic resistance
I = 1 A; IEC 61000-4-5/9
positive transient
-
2.4
-
Ω
negative transient
-
1.3
-
Ω
VCL(ch)trt(pos)
positive transient channel
clamping voltage
VESD = 8 kV per IEC 61000-4-2;
voltage 30 ns after trigger;
Tamb =25 °C
[3] -8
-V
Table 7.
Enable circuit
VCC(3V3) = 2.7 V to 5.5 V; GND = 0 V; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Board side: input pin ENABLE[1]
VIH
HIGH-level input voltage
HIGH = enable
0.7
× VCC(3V3) -VCC(5V0) + 0.5 V
VIL
LOW-level input voltage
LOW = disable
−0.5
-
0.3
× VCC(3V3) V
IIL
LOW-level input current
VI = 0.2 V;
VCC(3V3) = 5.5 V
-10
-
µA
ILI
input leakage current
−1
+0.1
+1
µA
Ci
input capacitance
VI = 3 V or 0 V
-
3
7
pF
Table 8.
Hot Plug control circuit
VCC(5V0) = 4.5 V to 5.5 V; VCC(3V3) = 2.7 V to 5.5 V; GND = 0 V; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Board side: input pin HOT_PLUG_DET_IN
VIH
HIGH-level input voltage
HIGH = Hot Plug off
0.7
× V
CC(3V3)
-VCC(5V0) + 0.5
V
VIL
LOW-level input voltage
LOW = Hot Plug on
−0.5
-
0.3
× V
CC(3V3)
V
IIL
LOW-level input current
VI = 2.0 V; VCC(3V3) = 5.5 V
-
10
-
µA
ILI
input leakage current
−1
+0.1
+1
µA
Ci
input capacitance
VI = 3 V or 0 V
-
4
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com