Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4778CZ38/V Datasheet(PDF) 7 Page - NXP Semiconductors

Part # IP4778CZ38/V
Description  HDMI ESD protection, DDC buffering and hot plug control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4778CZ38/V Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button IP4778CZ38/V Datasheet HTML 3Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 4Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 5Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 6Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 7Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 8Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 9Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 10Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
IP4778CZ38_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
7 of 26
NXP Semiconductors
IP4778CZ38
HDMI ESD protection, DDC buffering and hot plug control
8.
Static characteristics
[1]
This measurement is performed with a 0.1
µF external capacitor on pin TMDS_BIAS.
[2]
This parameter is guaranteed by design.
Table 4.
TMDS protection circuit
Tamb =25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Zener diode
VBRzd
Zener diode breakdown
voltage
I = 1 mA
6
-
9
V
Rdyn
dynamic resistance
I = 1 A; IEC 61000-4-5/9
positive transient
-
2.4
-
Ω
negative transient
-
1.3
-
Ω
Protection diode
Ibck
back current
from pins TMDS_x to pin TMDS_BIAS;
VCC(5V0) =0V; VCC(3V3) =0V
-
0.1
5
µA
IL(r)
reverse leakage current
VI = 3.0 V
-
1
-
µA
VF
forward voltage
-
0.7
-
V
VCL(ch)trt(pos)
positive transient channel
clamping voltage
VESD = 8 kV per IEC 61000-4-2; voltage
30 ns after trigger
[1] -8
-V
TMDS channel: pins TMDS_x
Cch(TMDS)
TMDS channel capacitance
VCC(5V0) = 5 V; f = 1 MHz; Vbias = 2.5 V
[2] -
0.7
-
pF
∆Cch(TMDS)
TMDS channel capacitance
difference
VCC(5V0) = 5 V; f = 1 MHz; Vbias = 2.5 V
[2] -
0.05
-
pF
Cch(mutual)
mutual channel capacitance
between signal pin TMDS_x and pin
n.c.; VCC(5V0) = 0 V; f = 1 MHz;
Vbias = 2.5 V
[2] -
0.07
-
pF
Table 5.
DDC circuit
VCC(3V3) = 2.7 V to 5.5 V; VCC(5V0) = 4.5 V to 5.5 V; GND = 0 V; Tamb =25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ Max
Unit
Supplies: pins VCC(5V0) and VCC(3V3)
VCC(5V0)
supply voltage (5.0 V)
4.5
5.0
5.5
V
VCC(3V3)
supply voltage (3.3 V)
2.7
3.3
5.5
V
ICC(5V0)
supply current (5.0 V)
VCC(5V0) = 5.5 V; both
channels HIGH:
DDC_DAT_OUT = VCC(5V0);
DDC_CLK_OUT = VCC(5V0)
-
0.5
1.0
mA
VCC(5V0) = 5.5 V; both
channels LOW:
DDC_DAT_IN = GND;
DDC_CLK_IN = GND;
DDC_DAT_OUT = open;
DDC_CLK_OUT = open
-
0.5
1.0
mA
ICC(3V3)
supply current (3.3 V)
no pull-up resistor
connected to VCC(3V3)
-
-
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com