Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4778CZ38/V Datasheet(PDF) 14 Page - NXP Semiconductors

Part # IP4778CZ38/V
Description  HDMI ESD protection, DDC buffering and hot plug control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4778CZ38/V Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button IP4778CZ38/V Datasheet HTML 10Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 11Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 12Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 13Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 14Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 15Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 16Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 17Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
IP4778CZ38_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
14 of 26
NXP Semiconductors
IP4778CZ38
HDMI ESD protection, DDC buffering and hot plug control
10.3 Hot Plug driver circuit
The IP4778CZ38 includes a Hot Plug driver circuit that simplifies the Hot Plug application.
The circuit can be connected directly to GPIO pins.
The Hot Plug control input is actively pulled LOW to ensure that at system standby or
startup, the Hot Plug signal is HIGH even if a GPIO pin is in a 3-state condition.
For correct CEC handling, it is essential that the Hot Plug signal is at HIGH-level in
Standby mode. The HDMI source requires a Hot Plug signal so that it can read out the
EDID information to initiate a proper startup CEC sequence.
10.4 CEC
The CEC signal can generate distortions caused by signal ringing in a 1 kHz domain. The
CEC slew rate limiter ensures that a signal does not ring independently of the CEC slave
that is releasing the signal.
A MOSFET transistor implements the backdrive protection which blocks signals during a
power-down state.
The slew rate of the CEC-bus is controlled by a slew rate that is defined independently of
the load (ohmic and capacitive) at the CEC-bus.
(1) Dotted line indicates effect without slew rate accelerator.
Fig 8.
DDC output waveform
001aag042
(1)
(1)
0.3VCC(5V0)
5.0 V
Fig 9.
Hot Plug driver circuit
001aag043
10
µA
HOT_PLUG_DET_IN
HOT_PLUG_DET_OUT
VCC(5V0) VCC(3V3)
TMDS_BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com