Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4778CZ38/V Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IP4778CZ38/V
Description  HDMI ESD protection, DDC buffering and hot plug control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4778CZ38/V Datasheet(HTML) 1 Page - NXP Semiconductors

  IP4778CZ38/V Datasheet HTML 1Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 2Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 3Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 4Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 5Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 6Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 7Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 8Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1.
General description
The IP4778CZ38 is designed for HDMI receiver host interface protection. The
IP4778CZ38 includes DDC buffering, slew rate acceleration and decoupling, Hot Plug
control, backdrive protection, CEC slew rate control, optional multiplexing of DDC signals,
and high-level ESD protection diodes for all HDMI signals.
The DDC lines are buffered using a new buffering concept which decouples the internal
capacitive load from the external capacitive load. This allows higher PCB design flexibility
for the DDC lines with respect to the maximum load of 50 pF specified in the
HDMI 1.3
specification. This buffering also boosts the DDC signals, allowing the use of longer HDMI
cables having a higher capacitive load than 700 pF. The CEC slew rate limiter prevents
ringing on the CEC line and greatly reduces the number of discrete components needed
by the CEC application. HDMI receiver and system GPIO applications are simplified by an
internal Hot Plug driver module and Hot Plug control.
The DDC, Hot Plug and CEC lines are backdrive protected to guarantee HDMI interface
signals are not pulled down if the system is powered down or enters Standby mode.
All TMDS intra-pairs are protected by a special diode configuration offering a low line
capacitance of 0.7 pF only (to ground) and 0.05 pF between the TMDS pairs. These
diodes provide protection to components downstream from ESD voltages of up to
±8kV
contact in accordance with the IEC 61000-4-2, level 4 standard.
2.
Features
I HDMI 1.3 compliant
I Pb-free and RoHS compliant
I Robust ESD protection without degradation after several ESD strikes
I Low leakage even after several hundred ESD discharges
I Very high diode switching speed (ns) and low line capacitance of 0.7 pF to ground and
0.05 pF between channels ensures signal integrity
I DDC capacitive decoupling between system side and HDMI connector side and drive
cable buffering with capacitive load (> 700 pF)
I Hot Plug control for direct connection to system GPIO
I CEC ringing prevention by slew rate limiter
I DDC and Hot Plug enable signal for multiplexing and backdrive protection
I All TMDS lines with integrated rail-to-rail clamping diodes with downstream ESD
protection of
±8 kV in accordance with IEC 61000-4-2, level 4
I Matched 0.5 mm trace spacing
IP4778CZ38
HDMI ESD protection, DDC buffering and hot plug control
Rev. 02 — 12 February 2009
Product data sheet


Similar Part No. - IP4778CZ38/V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4770CZ16 PHILIPS-IP4770CZ16 Datasheet
66Kb / 11P
VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4770CZ16 NXP-IP4770CZ16 Datasheet
73Kb / 11P
VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4771CZ16 PHILIPS-IP4771CZ16 Datasheet
66Kb / 11P
VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4771CZ16 NXP-IP4771CZ16 Datasheet
73Kb / 11P
VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
IP4772CZ16 PHILIPS-IP4772CZ16 Datasheet
66Kb / 11P
VGA/video interface with integrated buffers, ESD protection and integrated termination resistors
Rev. 01-25 October 2006
More results

Similar Description - IP4778CZ38/V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4777CZ38 PHILIPS-IP4777CZ38 Datasheet
129Kb / 25P
DVI and HDMI interface ESD protection, DDC buffering, hot plug control and backdrive protection
Rev. 02-12 February 2009
IP4786CZ32 NXP-IP4786CZ32 Datasheet
1Mb / 35P
DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug
Rev. 1-15 April 2011
logo
STMicroelectronics
HDMI05-CL02F3 STMICROELECTRONICS-HDMI05-CL02F3 Datasheet
942Kb / 9P
5-line IPAD?? HDMI??control line ESD protection
07-Apr-2010
logo
ON Semiconductor
ESD5384 ONSEMI-ESD5384 Datasheet
290Kb / 8P
5-Line HDMI Control Line ESD Protection
October, 2011 ??Rev. 0
logo
NXP Semiconductors
IP4788CZ32 NXP-IP4788CZ32_14 Datasheet
1Mb / 33P
DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
Rev. 2-24 November 2014
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
Nexperia B.V. All right...
IP4787CZ32 NEXPERIA-IP4787CZ32 Datasheet
1Mb / 36P
DVI and HDMI interface ESD protection, DDC/CEC buffering, hot plug handling and backdrive protection
IP4786CZ32S NEXPERIA-IP4786CZ32S Datasheet
1Mb / 36P
DVI and HDMI interface ESD and overcurrent protection, DDC/CEC buffering, hot plug detect and backdrive protection
logo
ON Semiconductor
ESD5384 ONSEMI-ESD5384_V01 Datasheet
361Kb / 9P
ESD Protection Diode 5?묹ine HDMI Control Line ESD Protection
September, 2017 ??Rev. 1
logo
STMicroelectronics
HDMI2C1-6C1 STMICROELECTRONICS-HDMI2C1-6C1_V01 Datasheet
1Mb / 22P
ESD protection and signal booster for HDMI source control stage interface
26-Aug-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com