Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4778CZ38/V Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IP4778CZ38/V
Description  HDMI ESD protection, DDC buffering and hot plug control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4778CZ38/V Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IP4778CZ38/V Datasheet HTML 2Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 3Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 4Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 5Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 6Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 7Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 8Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 9Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
IP4778CZ38_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
6 of 26
NXP Semiconductors
IP4778CZ38
HDMI ESD protection, DDC buffering and hot plug control
[1]
Pins GND and TMDS_GND are internally connected.
[2]
This pin must always be connected to the IC pin located opposite via a PCB track to guarantee correct
functionality; see Figure 15.
[3]
VCC(3V3) referenced logic level in.
[4]
VCC(5V0) referenced logic level out.
7.
Limiting values
[1]
Connector side pins:
TMDS_D2+, TMDS_D2
−, TMDS_D1+, TMDS_D1−, TMDS_D0+, TMDS_D0−,
TMDS_CLK+, TMDS_CLK
−,
CEC_OUT,
DDC_DAT_OUT and DDC_CLK_OUT,
HOT_PLUG_DET_OUT.
[2]
Board side pins:
CEC_IN,
DDC_DAT_IN and DDC_CLK_IN,
HOT_PLUG_DET_IN,
ENABLE.
n.c.
32
32
not connected[2]
TMDS_D2
−
34
33
ESD protection TMDS channel D2
−[2]
TMDS_GND
33
34
ground for TMDS channel[1]
n.c.
35
35
not connected[2]
GND
36
36
ground for DDC, Hot Plug and CEC
circuits[1]
VCC(3V3)
37
37
supply voltage for CEC circuit
TMDS_BIAS
38
38
bias input for TMDS ESD protection.
This pin must be connected to a
0.1
µF capacitor.
Table 2.
Pin description …continued
Symbol
Pin
Description
IP4778CZ38
IP4778CZ38/V
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
GND
− 0.5
5.5
V
VI
input voltage
at input pins
GND
− 0.5
5.5
V
VESD
electrostatic discharge
voltage
connector side pins (to ground);
IEC 61000-4-2, level 4
[1]
contact
−8+8
kV
board side pins; IEC 61000-4-2, level 1
[2]
contact
−2+2
kV
Ptot
total power dissipation
DDC operating at 100 kHz
-
8
mW
Tstg
storage temperature
−55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com