Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPL115A
Description  DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPL115A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AN3956
Sensors
Freescale Semiconductor
6
Screen 3:
Screen 4:
Screen 5:
Screen 6:
Screen 7:
PPL115A2 Raw Values
Press ADC 5bc0
Temp ADC 7a00
ENTER for Coeff.
0367
Pressure and Temperature Raw Values in decimal
0488
format are on the right in blue.
Press ENT menu Button one time to move forward to
see the coefficients.
6 Coefficients:
3c ca
8a bd
30
Coefficients are listed. Press ENT menu button to see
b8 93
84
f2
80
33
c0
compensated pressure reading.
Compensated Pressure
PComp =
Pressure is compensated and listed in kPa. Press ENT
97.273
to continue to Alarm System.
To navigate backwards, press ESC to cycle to previous
screen.
ALARM System
0.50 kPa
Press UP or DN to set Pressure Threshold for the Alarm
ENTER for Activation
System in 0.25 kPa increments.
Press ENT to activate the alarm feature and wait for
the buzzer to sound.
Enter your Threshold
ALARM sounds when
97.273 kPa
Alarm is armed and the current pressure is shown on top.
ALARM
The bottom is the threshold pressure for the alarm.
Note the RED LED activates with the alarm and a green
solid LED indicates a non alarm pressure.
Threshold is reached
Press.
97.836
To navigate backwards: press ESC to cycle to previous
screens and deactivate alarm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com