Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPL115A
Description  DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPL115A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Freescale Semiconductor, Inc., 2009. All rights reserved.
AN3956
Rev 0, 11/2009
Freescale Semiconductor
Application Note
DEMOAPEXSENSOR Usage
Altitude Pressure EXperimental (APEX) Sensor Board
by: John B. Young
INTRODUCTION
The DEMOAPEXSENSOR is an experimental sensor board focused on pressure with a variety of applications built into the
demo. These include: Altimeter, Barometer, Barometer Alarm, Weather station, Waterlevel, Waterlevel Alarm, Tilt, Free Fall, and
Temperature Sensing. The board has been designed as a standalone board to be interfaced currently via an LCD display and
menu buttons. The multiple functions of the Altitude Pressure EXperimental (APEX) Sensor board are possible with the use of
Freescale’s sensors. This kit has the following: MPL115A2, MPXM2102A, MPXV5004G pressure sensors with an MMA7361L
accelerometer. The demo makes use of Freescale’s Flexis MC9S08JM60 8-bit microcontroller. Figure 1 is an image of the
DEMOAPEXSENSOR with important items highlighted. Freescale’s sensors are listed along with their associated application in
Table 1.
Figure 1. Basic Components of APEX Board
Table 1. On-Board Sensors
Device
Type of Sensor
Measurement Range of Sensor
Sensor Application
Interface Type
MPL115A
Pressure Absolute
50 - 115 kPa
Barometer/Altimeter
Digital I2C/SPI
MPXM2102A
Pressure Absolute
0 - 100 kPa
Altimeter/Absolute Pressure
Analog
MPXV5004G
Pressure Gauge
0 - 4 kPa
Liquid Level Sensor
Analog
MMA7361L
Accelerometer
Selectable ±1.5g, ±6g
Acceleration, Tilt, Shock,
Free Fall
Analog
MPXM2102A
Absolute Pressure
Sensor -Altitude
MMA7361L
3 Axis low-g
Accelerometer
-Motion
BDM
Push Buttons
“Up, Down, ESC
Enter”
LCD Display
for Results
Development
Header
USB
Connector
Backside:
MPXV5004G
Gauge Pressure
Sensor- Waterlevel
Temperature Sensor
MPL115A


Similar Part No. - MPL115A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPL115A FREESCALE-MPL115A Datasheet
944Kb / 2P
Digital barometric pressure sensor
REV 1
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
Miniature SPI Digital Barometer
logo
NXP Semiconductors
MPL115A1 NXP-MPL115A1 Datasheet
3Mb / 23P
Miniature SPI digital barometer, 50 to 115 kPa
Rev. 8-10 October 2017
MPL115A1 NXP-MPL115A1 Datasheet
442Kb / 23P
Miniature SPI digital barometer, 50 kPa to 115 kPa
Rev. 8.1 - 17 May 2024
logo
Freescale Semiconductor...
MPL115A1 FREESCALE-MPL115A1 Datasheet
944Kb / 2P
Digital barometric pressure sensor
REV 1
More results

Similar Description - MPL115A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4426-005G ETC2-4426-005G Datasheet
275Kb / 2P
PC Board Mountable Pressure Sensor
logo
TE Connectivity Ltd
13-43 TEC-13-43 Datasheet
151Kb / 5P
PC Board Mountable Pressure Sensor
1210 TEC-1210 Datasheet
211Kb / 7P
PC Board Mountable Pressure Sensor
1210-1PSI TEC-1210-1PSI Datasheet
207Kb / 7P
PC Board Mountable Pressure Sensor
1230 TEC-1230 Datasheet
183Kb / 5P
PC Board Mountable Pressure Sensor
1240 TEC-1240 Datasheet
177Kb / 5P
PC Board Mountable Pressure Sensor
MS1451 TEC-MS1451 Datasheet
150Kb / 5P
PC Board Mountable Pressure Sensor
MS1471 TEC-MS1471 Datasheet
143Kb / 5P
PC Board Mountable Pressure Sensor
MS4425 TEC-MS4425 Datasheet
202Kb / 7P
PC Board Mountable Pressure Sensor
MS4426 TEC-MS4426 Datasheet
156Kb / 6P
PC Board Mountable Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com