Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL115A Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPL115A
Description  DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL115A Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPL115A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 11Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 12Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 13Page - Freescale Semiconductor, Inc MPL115A Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AN3956
Sensors
Freescale Semiconductor
10
DEMOAPEXSENSOR Altitude Measurement
There are two sensors that can be used for altitude measurement. The MPL115A can be used as an approximate altimeter,
but on this demo board, the MPXM2102A pressure sensor has been used to get a high resolution for altitude measurement. The
MPXM2102A is an absolute pressure sensor. It measures the pressure on its port in relation to a vacuum sealed reference. The
specs given on the data sheet do not easily translate into creating a product that resolves 1m of height difference. The
DEMOAPEXSENSOR in this sense explores how a sensor can be amplified and put through a 24-bit delta sigma ADC to pursue
that type of application.
There is more than one section in the software to determine the vertical altitude. The code has more than one method to try
to improve the resolution the MPXM2102A. One method aims at a sub 1 foot increment, but this is not as stable as the 1m
increment method. Again, this is a experimental board and the method used to measure the MPXM2102A for altitude is subject
to many outside influences. These are not limited to, but include; sudden pressure changes, gusts of wind, A/C unit on/off cycling,
temperature, and exposure to high brightness light. Note the value is setup for dynamic change. The altitude absolute height is
not calibrated. This is typical of end application requiring a starting point.
Table 2 shows the typical operating characteristics of the MPXM2102A. The supply voltage is ratiometric, but at 10 V supply,
the FSS is 40 mV for 100 kPa of applied absolute pressure. The DEMOAPEXSENSOR does not have a full 10 V supply. The
part is biased instead by a 5 V supply. This cuts the FSS to 20 mV for 100 kPa. Since the output of an analog sensor is ratiometric
to the input voltage, it is crucial to have a stable supply voltage. In the case of amplifying and analyzing small pressure changes,
the input voltage must be stable to remove input noise. To achieve this, a shunt voltage reference connected to the 5 V regulator
provides a low noise, stable voltage of 4.096 V for the MPX2102A. This is the IC, D8 on the demo schematic, and is typically
used for data-acquisition systems. Thus, the span is really only 16.38 mV at 4.096 V, for a pressure range of 0 to 100 kPa.
MPXM2102A is on a separate shunt such that no other connected IC will induce additional noise on the shared line.
Table 2. Operating Characteristics (VS = 10 VDC, TA = 25°C unless otherwise noted, P1 > P2)
Characteristic
Symbol
Min
Typ
Max
Units
Differential Pressure Range
POP
0
—
100
kPa
Supply Voltage
VS
—
10
16
VDC
Supply Current
IO
—
6.0
—
mAdc
Full Scale Span
VFSS
38.5
40
41.5
mV
Offset
MPX2102D Series
MPX2102A Series
MPXM2102D/G Series
MPXM2102A Series
VOFF
VOFF
-1.0
-2.0
-1.0
-2.0
—
—
—
—
1.0
2.0
1.0
2.0
mV
mV
Sensitivity
ΔV/ΔΡ
—
0.4
—
mV/kPa
Linearity
MPX2102D Series
MPX2102A Series
MPXM2102D/G Series
MPXM2102A Series
—
—
—
—
-0.6
-1.0
-0.6
-1.0
—
—
—
—
0.4
1.0
0.4
1.0
%VFSS
%VFSS
Pressure Hysteresis (0 to 100 kPa)
—
—
±0.1
—
%VFSS
Temperature Hysteresis (-40°C to +125°C)
—
—
±0.5
—
%VFSS
Temperature Coefficient of Full Scale Span
TCVFSS
-2.0
—
2.0
%VFSS
Temperature Coefficient of Offset
TCVOFF
-1.0
—
1.0
mV
Input Impedance
ZIN
1000
—
2500
W
Output Impedance
ZOUT
1400
—
3000
W
Response Time (10% to 90%)
tR
—
1.0
—
ms
Warm-Up Time
—
—
20
—
ms
Offset Stability
—
—
±0.5
—
%VFSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com